Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP5030TA-R33M Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SRP5030TA-R33M
Description  Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP5030TA-R33M Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SRP5030TA-R33M Datasheet HTML 1Page - Bourns Electronic Solutions SRP5030TA-R33M Datasheet HTML 2Page - Bourns Electronic Solutions SRP5030TA-R33M Datasheet HTML 3Page - Bourns Electronic Solutions SRP5030TA-R33M Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SRP5030TA Series - Shielded Power Inductors
L vs. I Charts
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
0
07
14
21
28
35
0.03
0.06
0.15
0
DC Current (A)
SRP5030TA-R10Y
30
20
10
100
80
90
70
50
40
60
0.12
0.09
0
05
10
15
20
25
0.06
0.12
0.18
0.30
0
DC Current (A)
SRP5030TA-R22M
30
20
10
100
80
70
90
50
40
60
0.24
0
04
8
12
16
20
0.09
0.18
0.27
0.45
0
DC Current (A)
SRP5030TA-R33M
30
20
10
100
80
70
90
50
40
60
0.36
DC Current (A)
DC Current (A)
DC Current (A)
DC Current (A)
SRP5030TA-R47M
SRP5030TA-1R0M
SRP5030TA-1R2M
0
02.5
5.0
7.5
10.0
12.5
0.40
0.80
1.20
2.00
0
SRP5030TA-1R5M
30
20
10
100
70
80
90
50
40
60
1.60
DC Current (A)
0
02
4
6
810
0.50
1.00
1.50
2.00
3.00
0
30
20
10
100
70
80
90
50
40
60
2.50
DC Current (A)
0
02.5
5.0
7.5
10.0
12.5
0.34
0.68
1.02
1.70
0
30
20
10
100
70
80
90
50
40
60
1.36
SRP5030TA-2R2M
DC Current (A)
0
01.6
3.2
4.8
6.48.0
1.00
2.00
3.00
5.00
0
30
20
10
100
70
80
90
50
40
60
4.00
DC Current (A)
0
01.5
3.0
4.5
6.07.5
1.30
2.60
3.90
6.50
0
30
20
10
100
70
80
90
50
40
60
5.20
DC Current (A)
0
02
4
6
810
1.00
2.00
3.00
5.00
0
30
20
10
100
70
80
90
50
40
60
4.00
0
01.2
2.4
3.6
4.86.0
1.50
3.00
7.50
0
SRP5030TA-5R6M
30
20
10
100
60
70
80
90
40
50
4.50
6.00
0
01
2
3
45
1.80
3.60
5.40
9.00
0
SRP5030TA-6R8M
30
20
10
100
70
80
90
50
40
60
7.20
0
00.9
1.8
2.7
3.64.5
2.70
5.40
8.10
13.50
0
SRP5030TA-100M
30
20
10
100
90
50
40
60
70
80
10.80
SRP5030TA-R68M
0
04
8
12
16
20
0.13
0.26
0.65
0
DC Current (A)
30
20
10
100
80
90
70
50
40
60
0.52
0.39
0
03
6
9
12
15
0.20
0.40
0.60
1.00
0
DC Current (A)
30
20
10
100
80
70
90
50
40
60
0.80
0
02.5
5.0
7.5
10.0
12.5
0.28
0.56
0.84
1.40
0
DC Current (A)
30
20
10
100
80
70
90
50
40
60
1.12
SRP5030TA-3R3M
SRP5030TA-4R7M
SRP5030TA-3R6M



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com