Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP8540A-R33M Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SRP8540A-R33M
Description  Shielded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP8540A-R33M Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SRP8540A-R33M Datasheet HTML 1Page - Bourns Electronic Solutions SRP8540A-R33M Datasheet HTML 2Page - Bourns Electronic Solutions SRP8540A-R33M Datasheet HTML 3Page - Bourns Electronic Solutions SRP8540A-R33M Datasheet HTML 4Page - Bourns Electronic Solutions SRP8540A-R33M Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SRP8540A Series - Shielded Power Inductors
Soldering Profile
25
250
Time (Seconds)
REFLOW TIMES: 3 TIMES MAX.
PREHEAT AREA
MAX. RAMP UP RATE = 3 °C/SEC.
MAX. RAMP DOWN RATE = 6 °C/SEC.
Time 25 °C to Peak
8 Minutes Max.
TC -5 °C
200 °C
60~150
Sec.
217
150°C
60~120
Sec.
20~30 Sec.
Profile Feature
Pb Free Assembly
Preheat
- Temperature Min. (Tsmin)
- Temperature Max. (Tsmax)
- Time(ts) from Tsmin to Tsmax
150 °C
200 °C
60-120 seconds
Ramp-up Rate (TL to Tp)
3 °C/second max.
Liquidous temperature (TL)
Time (tL) maintained above TL
217 °C
60-150 seconds
Peak package body temperature (Tp)
250 °C
Time within 5 °C of Actual Peak Temperature
(tp)
< 30 seconds
Ramp-Down Rate (Tp to TL)
6 °C/second max.
Time 25 °C to Peak Temperature
8 minutes max.
L vs. I Charts
SRP8540A-R22M
SRP8540A-R56M
SRP8540A-1R0M
SRP8540A-3R3M
SRP8540A-6R8M
SRP8540A-220M
0.30
0.24
0.18
0.12
0.06
0
0.80
0.64
0.48
0.32
0.16
0
100
80
60
40
20
0
1.35
1.08
0.81
0.54
0.27
0
4.50
3.60
2.70
1.80
0.90
0
9.50
7.60
5.70
3.80
1.90
0
32.5
26.0
19.5
13.0
6.5
0
0
13
26
39
65
52
DC Current (A)
0
8
16
24
32
40
DC Current (A)
0
6.5
13.0
19.5
32.5
26.0
DC Current (A)
0
5.5
11.0
16.5
27.5
22.0
DC Current (A)
0
3.5
7.0
10.5
14.0
17.5
DC Current (A)
0
1.8
3.6
5.4
7.2
9.0
DC Current (A)
0
8
16
24
40
32
DC Current (A)
0
6
12
18
24
30
DC Current (A)
0
4.5
9.0
13.5
18.0
22.5
DC Current (A)
0
3.5
7.0
10.5
14.0
17.5
DC Current (A)
100
80
60
40
20
0
100
80
60
40
20
0
100
80
60
40
20
0
100
80
60
40
20
0
100
80
60
40
20
0
100
80
60
40
20
0
100
80
60
40
20
0
100
80
60
40
20
0
100
80
60
40
20
0
SRP8540A-R33M
SRP8540A-R68M
SRP8540A-1R5M
SRP8540A-4R7M
SRP8540A-8R2M
0.50
0.40
0.30
0.20
0.10
0
100
80
60
40
20
0
0.90
0.72
0.54
0.36
0.18
0
2.00
1.60
1.20
0.80
0.40
0
6.50
5.20
3.90
2.60
1.30
0
11.50
9.20
6.90
4.60
2.30
0
0
12
24
36
48
60
DC Current (A)
SRP8540A-R47M
SRP8540A-R82M
SRP8540A-2R2M
SRP8540A-5R6M
SRP8540A-100M
0.65
0.52
0.39
0.26
0.13
0
100
80
60
40
20
0
1.20
0.96
0.72
0.48
0.24
0
3.00
2.40
1.80
1.20
0.60
0
7.50
6.00
4.50
3.00
1.50
0
14.50
11.60
8.70
5.80
2.90
0
0
9
18
27
45
36
DC Current (A)
0
7
14
21
35
28
DC Current (A)
0
5.5
11.0
16.5
27.5
22.0
DC Current (A)
0
4
8
12
16
20
DC Current (A)
0
2
4
6
8
10
DC Current (A)
100
80
60
40
20
0
100
80
60
40
20
0
100
80
60
40
20
0
100
80
60
40
20
0
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com