Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL1208AT Datasheet(PDF) 4 Page - Vishay Siliconix

Part # IL1208AT
Description  Optocoupler, Phototransistor Output, With Base Connection in SOIC-8 Package, 110 °C Rated
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL1208AT Datasheet(HTML) 4 Page - Vishay Siliconix

  IL1208AT Datasheet HTML 1Page - Vishay Siliconix IL1208AT Datasheet HTML 2Page - Vishay Siliconix IL1208AT Datasheet HTML 3Page - Vishay Siliconix IL1208AT Datasheet HTML 4Page - Vishay Siliconix IL1208AT Datasheet HTML 5Page - Vishay Siliconix IL1208AT Datasheet HTML 6Page - Vishay Siliconix IL1208AT Datasheet HTML 7Page - Vishay Siliconix IL1208AT Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IL1206AT, IL1207AT, IL1208AT
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 23-Nov-2020
4
Document Number: 83549
For technical questions, contact: optocoupler.answers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• As per IEC 60747-5-2, §7.4.3.8.1, this optocoupler is suitable for “safe electrical insulation” only within the safety ratings. Compliance with
the safety ratings shall be ensured by means of protective circuits
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 2 - Diode Forward Voltage VF vs. Forward Current
Fig. 3 - IC (non-saturated) vs. VCE
Fig. 4 - Collector to Emitter Current vs. Ambient Temperature
Fig. 5 - IC (saturated) vs. VCE
SAFETY AND INSULATION RATINGS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Climatic classification
According to IEC 68 part 1
-
55 / 110 / 21
-
Pollution degree (DIN VDE 0109)
-
2.0
-
Comparative tracking index
CTI
175
-
399
VIOTM
DIN IEC 112 / VDE 0303 part 1,
group IIIa per DIN VDE 6110 175 399
VIOTM
6000
-
-
V
VIORM
VIORM
560
-
-
V
Resistance (input to output)
RIO
-1012
-
Ω
PSI
-
-
350
mW
ISI
-
-
150
mA
TSI
-
-
165
°C
Creepage distance
4.0
-
-
mm
Clearance distance
4.0
-
-
mm
0.1
1.0
10.0
100.0
IF (mA)
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
- 55 °C
0 °C
+ 25 °C + 50 °C
+ 110 °C
83549 graph3
0
5
10
15
20
25
30
35
40
45
50
01234
5
6789
10
VCE (V)
IF = 5 mA
IF = 10 mA
IF = 15 mA
IF = 20 mA
IF = 30 mA
83549 graph5
10-5
10-4
10-3
10-2
10-1
1
10
100
1000
10 000
100 000
40 V
24 V
12 V
- 55 - 40 - 25 - 10
20 35 50 65 80 95 110 125
Tamb (°C)
5
83549 graph6
0
5
10
15
20
25
30
0.0
0.1
0.2
0.3
0.4
0.5
VCE (V)
IF = 1 mA IF = 2 mA
IF = 5 mA
IF = 10 mA
IF = 25 mA
83549 graph7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com