Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL2 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # IL2
Description  Optocoupler, Phototransistor Output, With Base Connection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL2 Datasheet(HTML) 6 Page - Vishay Siliconix

  IL2 Datasheet HTML 1Page - Vishay Siliconix IL2 Datasheet HTML 2Page - Vishay Siliconix IL2 Datasheet HTML 3Page - Vishay Siliconix IL2 Datasheet HTML 4Page - Vishay Siliconix IL2 Datasheet HTML 5Page - Vishay Siliconix IL2 Datasheet HTML 6Page - Vishay Siliconix IL2 Datasheet HTML 7Page - Vishay Siliconix IL2 Datasheet HTML 8Page - Vishay Siliconix IL2 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IL2
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 15-Apr-2021
6
Document Number: 83612
For technical questions, contact: optocoupler.answers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Normalized Non-Saturated and Saturated CTR vs.
LED Current
Fig. 8 - Normalized Non-Saturated and Saturated CTR vs.
LED Current
Fig. 9 - Normalized Non-Saturated and Saturated CTR,
Tamb = 100 °C vs. LED Current
Fig. 10 - Collector Emitter Current vs. Temperature and LED Current
Fig. 11 - Collector Emitter Leakage Current vs.Temperature
Fig. 12 - Normalized CTRcb vs. LED Current and Temperature
iil1_07
100
10
1
0.1
0.0
0.5
1.0
1.5
NCTR(SAT)
NCTR
I
F - LED Current (mA)
Normalized to:
VCE = 10 V,IF = 10 mA
TA = 50 °C
CTRce(sat) VCE = 0.4 V
iil1_08
100
10
1
0.1
0.0
0.5
1.0
1.5
I
F - LED Current (mA)
NCTR(SAT)
NCTR
Normalized to:
VCE = 10 V, IF = 10 mA
CTRce(sat) VCE = 0.4 V
TA = 70 °C
iil1_09
100
10
1
0.1
0.0
0.5
1.0
1.5
IF - LED Current (mA)
NCTR(SAT)
NCTR
Normalized to:
VCE = 10 V, IF = 10 mA
CTRce(sat) VCE = 0.4 V
TA = 100 °C
iil1_10
60
50
40
30
20
10
0
0
5
10
15
20
25
30
35
50 °C
70 °C
100 °C
IF - LED Current (mA)
25 °C
iil1_11
- 20
20
40
60
80
100
105
104
103
102
101
100
10-1
10-2
TA - Ambient Temperature (°C)
Typical
VCE = 10 V
Worst
case
0
iil1_12
0.1
1
10
100
0.0
0.5
1.0
1.5
25 °C
50 °C
70 °C
IF - LED Current (mA)
IF = 10 mA
Vcb = 9.3 V
Normalized to:



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com