Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHS-01TB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CHS-01TB
Description  SURFACE MOUNT TYPE SLIDE SWITCHES
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CHS-01TB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CHS-01TB Datasheet HTML 1Page - List of Unclassifed Manufacturers CHS-01TB Datasheet HTML 2Page - List of Unclassifed Manufacturers CHS-01TB Datasheet HTML 3Page - List of Unclassifed Manufacturers CHS-01TB Datasheet HTML 4Page - List of Unclassifed Manufacturers CHS-01TB Datasheet HTML 5Page - List of Unclassifed Manufacturers CHS-01TB Datasheet HTML 6Page - List of Unclassifed Manufacturers CHS-01TB Datasheet HTML 7Page - List of Unclassifed Manufacturers CHS-01TB Datasheet HTML 8Page - List of Unclassifed Manufacturers CHS-01TB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
COPAL ELECTRONICS
COPAL ELECTRONICS
s Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
s FEATURES
q Meets EIAJ SOP standard outline dimensions (B type)
q Low profile design of 2.5 mm
q 12 types of 1, 2, 4, 6, 8 or 10 bit with either gull wing or J-
hook available
q Excellent contact stability by twin Au-plated contact
Part name
1
2
3
4
5
6
Cover
Slider
Housing
Slider contact
Fixed contact
Terminal pin
Material
Flammability
UL-94V-0
PPS (Polyphenylenesulphide)
Nylon
PPS (Polyphenylenesulphide)
Copper alloy, Gold-plated
CFCs, Halon, Carbon tetrachloride and designated bromic flame
retardant PBBOs and PBBs are not used in our products.
s PART NUMBER DESIGNATION
INTERNAL STRUCTURE
CHS - 06 T A 1
Series name
No. of bits
01 : 1 bit
02 : 2 bits
04 : 4 bits
06 : 6 bits
08 : 8 bits
10 : 10 bits
Shape of terminal
Srtucture
A : J-hook
B : Gull wing
Form of packaging
T : Taping (Reel)
M : Magazine
Blank : Bulk in vinyl bags
1 : Non-washing type (Seal tape is nothing)
2 : Non-washing type (Seal tape is provided)
Blank : Washable type (Seal tape is provided)
❈ Please refer to the LIST OF PART NUMBERS when placing orders.
SLIDE SWITCHES
CHS
SURFACE MOUNT TYPE
1
3
2
5
4
6


Similar Part No. - CHS-01TB

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CHS-01TB COPAL-CHS-01TB Datasheet
744Kb / 14P
SLIDE SWITCHES (HALF PITCH)
CHS-01TB1 COPAL-CHS-01TB1 Datasheet
744Kb / 14P
SLIDE SWITCHES (HALF PITCH)
CHS-01TB2 COPAL-CHS-01TB2 Datasheet
744Kb / 14P
SLIDE SWITCHES (HALF PITCH)
More results

Similar Description - CHS-01TB

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
SLIDE SWITCHES
logo
ITT Industries
PCM12SMTR ITT-PCM12SMTR Datasheet
204Kb / 2P
Ultraminiature Surface Mount Slide Switches
logo
OEN India Limited
27S-024S OENINDIA-27S-024S Datasheet
372Kb / 1P
SLIDE&PIANO TYPE DIP SWITCHES
logo
C&K Components
PCM CK-COMPONENTS-PCM Datasheet
291Kb / 2P
Ultraminiature Surface Mount Slide Switches
logo
Tyco Electronics
ASF22GL MACOM-ASF22GL Datasheet
154Kb / 4P
Slide Switches, Auto-insertable, Through Hole and Surface Mount
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
SLIDE SWITCHES
logo
OEN India Limited
OEN27 OENINDIA-OEN27 Datasheet
372Kb / 1P
SLIDE & PIANO TYPE DIP SWITCHES
logo
C&K Components
PCM CK-COMPONENTS-PCM_V01 Datasheet
322Kb / 3P
Ultraminiature Surface Mount Slide Switches
16 Mar 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com