Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSOP772..W Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSOP772..W
Description  IR Receiver Modules for Remote Control Systems
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP772..W Datasheet(HTML) 2 Page - Vishay Siliconix

  TSOP772..W Datasheet HTML 1Page - Vishay Siliconix TSOP772..W Datasheet HTML 2Page - Vishay Siliconix TSOP772..W Datasheet HTML 3Page - Vishay Siliconix TSOP772..W Datasheet HTML 4Page - Vishay Siliconix TSOP772..W Datasheet HTML 5Page - Vishay Siliconix TSOP772..W Datasheet HTML 6Page - Vishay Siliconix TSOP772..W Datasheet HTML 7Page - Vishay Siliconix TSOP772..W Datasheet HTML 8Page - Vishay Siliconix TSOP772..W Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TSOP772..W, TSOP774..W
www.vishay.com
Vishay Semiconductors
Datasheet Values Refer to PCN-OPT-1224-2022
Rev. 2.2, 19-Aug-2022
2
Document Number: 82466
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MECHANICAL DATA
Pinning:
1, 4 = GND, 2 = VS, 3 = OUT
ORDERING CODE
Taping:
TSOP77...WTT - top view taped, 2200 pcs/reel
TSOP77...WTR - side view taped, 2300 pcs/reel
APPLICATION CIRCUIT
Note
(1) We advise try AGC4 first if the burst length is unknown
23208
1
2
3
4
C1
IR receiver
GND
µC
R1
+ VS
GND
Transmitter
with
TSALxxxx
VS
VO
17170-14
OUT
R
1 and C1 recommended in case there are strong ripple or
spikes on the supply line.
PARTS TABLE
AGC
LEGACY, FOR
LONG BURST REMOTE CONTROLS (AGC2)
RECOMMENDED FOR
LONG BURST CODES (AGC4) (1)
Carrier
frequency
30 kHz
TSOP77230W
TSOP77430W
33 kHz
TSOP77233W
TSOP77433W
36 kHz
TSOP77236W
TSOP77436W (2)(3)(4)
38 kHz
TSOP77238W
TSOP77438W (5)(6)(9)(11)
40 kHz
TSOP77240W (12)
TSOP77440W
56 kHz
TSOP77256W (10)
TSOP77456W (7)(8)
Package
Heimdall no lens
Pinning
1, 4 = GND, 2 = VS, 3 = OUT
Dimensions (mm)
6.8 W x 3.0 H x 2.35 D
Mounting
SMD
Application
Remote control
Best choice for
(2) RC-5 (3) RC-6 (4) Panasonic (5) NEC (6) Sharp (7) r-step (8) Thomson RCA
(9) Sejin 4PPM (10) Cisco (11) Mitsubishi (12) Sony
Special options
• Extended temperature range: www.vishay.com/doc?82738
• Narrow optical filter: www.vishay.com/doc?81590
• Wide optical flter: www.vishay.com/doc?82726



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com