Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSOP933..P10TR Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TSOP933..P10TR
Description  IR Receiver Modules for Remote Control Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP933..P10TR Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button TSOP933..P10TR Datasheet HTML 2Page - Vishay Siliconix TSOP933..P10TR Datasheet HTML 3Page - Vishay Siliconix TSOP933..P10TR Datasheet HTML 4Page - Vishay Siliconix TSOP933..P10TR Datasheet HTML 5Page - Vishay Siliconix TSOP933..P10TR Datasheet HTML 6Page - Vishay Siliconix TSOP933..P10TR Datasheet HTML 7Page - Vishay Siliconix TSOP933..P10TR Datasheet HTML 8Page - Vishay Siliconix TSOP933..P10TR Datasheet HTML 9Page - Vishay Siliconix TSOP933..P10TR Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TSOP931..P10TR, TSOP933..P10TR, TSOP935..P10TR
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 23-Oct-2019
6
Document Number: 82873
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SIDE VIEW PIN-IN-PASTE HOLDER: D = 9.0 mm, H = 8.05 mm, W = 6.2 mm, X = 5.15 mm
MECHANICAL DIMENSIONS in millimeters
22940
22940
“W”
“D”
20248
NAME
LENS AXIS (X)
VIEW
TYPE
HEIGHT (H)
WIDTH (W)
DEPTH (D)
P10TR
5.15
Side
Holder
8.05
6.2
9.0
Drawing-No.: 6.550-5351.01-4
Issue: 3; 02.07.19
(3.9)
6.2
3.6
5.08 ± 0.2 nom.
0.3 ± 0.1
0
0.85
1.5
3.3
3.8
8.05 ± 0.2
Ø0.95
(3 x)
(3 x)
5.08
2.54
Proposed pad layout
from component side
(for reference only)
1
2
3
Marking area
(R2.5)
(R2.5)
2.54 ± 0.2 nom.
1.7 ± 0.2
0.9 ± 0.2
3.25
3.25
1.2
1.2
5.1 ± 0.4
2.1
0.6 ± 0.2
0.6 ± 0.1
(3.8)
0.65 ± 0.2
Not indicated tolerances ± 0.3
Technical drawings
according to DIN
specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com