Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSOP935..P10TR Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSOP935..P10TR
Description  IR Receiver Modules for Remote Control Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP935..P10TR Datasheet(HTML) 1 Page - Vishay Siliconix

  TSOP935..P10TR Datasheet HTML 1Page - Vishay Siliconix TSOP935..P10TR Datasheet HTML 2Page - Vishay Siliconix TSOP935..P10TR Datasheet HTML 3Page - Vishay Siliconix TSOP935..P10TR Datasheet HTML 4Page - Vishay Siliconix TSOP935..P10TR Datasheet HTML 5Page - Vishay Siliconix TSOP935..P10TR Datasheet HTML 6Page - Vishay Siliconix TSOP935..P10TR Datasheet HTML 7Page - Vishay Siliconix TSOP935..P10TR Datasheet HTML 8Page - Vishay Siliconix TSOP935..P10TR Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TSOP931..P10TR, TSOP933..P10TR, TSOP935..P10TR
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 23-Oct-2019
1
Document Number: 82873
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IR Receiver Modules for Remote Control Systems
ADDITIONAL RESOURCES
FEATURES
• Improved dark sensitivity
• Improved immunity against optical noise
• Very low supply current
• Photo detector and preamplifier in one package
• Internal filter for PCM frequency
• Supply voltage: 2.0 V to 3.6 V
• Insensitive to supply voltage ripple and noise
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
MECHANICAL DATA
1 = OUT, 2 = GND, 3 = VS
DESCRIPTION
The TSOP93...P10TR series devices are the latest generation miniaturized IR receiver modules for infrared remote control
systems. These series provide improvements in sensitivity to remote control signals in dark ambient as well as in sensitivity in
the presence of optical disturbances e.g. from CFLs.
The devices contain a PIN diode and a preamplifier assembled on a lead frame. The epoxy package contains an IR filter. The
demodulated output signal can be directly connected to a microprocessor for decoding.
The TSOP931..P10TR, TSOP933..P10TR, and TSOP935..P10TR series devices are designed to receive short burst codes (6 or
more carrier cycles per burst). The third digit designates the AGC level (AGC1, AGC3, or AGC5) and the last two digits designate
the band-pass frequency (see table below). The higher the AGC, the better noise is suppressed, but the lower the code
compatibility. AGC3 provides enhanced noise suppression and AGC5 provides maximized noise suppression. Generally, we
advise to select the highest AGC that satisfactorily receives the desired remote code.
These components have not been qualified to automotive specifications.
Note
• 30 kHz and 33 kHz only available on written request
22940
22940
333
DDD3 D
3D Models
PARTS TABLE
AGC
LEGACY, FOR SHORT BURSTS
(AGC1)
ENHANCED NOISE SUPPRESSION
(AGC3)
MAXIMIZED NOISE SUPPRESSION
(AGC5)
Carrier
frequency
30 kHz
TSOP93130P10TR
TSOP93330P10TR
TSOP93530P10TR
33 kHz
TSOP93133P10TR
TSOP93333P10TR
TSOP93533P10TR
36 kHz
TSOP93136P10TR
TSOP93336P10TR (1)(5)
TSOP93536P10TR
38 kHz
TSOP93138P10TR
TSOP93338P10TR (2)(4)
TSOP93538P10TR
40 kHz
TSOP93140P10TR
TSOP93340P10TR
TSOP93540P10TR
56 kHz
TSOP93156P10TR
TSOP93356P10TR
TSOP93556P10TR (3)
Package
Minimold
Pinning
1 = OUT, 2 = GND, 3 = VS
Dimensions (mm)
5.4 W x 6.35 H x 4.9 D
Mounting
Leaded
Application
Remote control
Best choice for
(1) RCMM (2) RECS-80 Code (3) r-map (4) XMP-1, XMP-2 (5) MCIR


Similar Part No. - TSOP935..P10TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP935..P16TR VISHAY-TSOP935..P16TR Datasheet
349Kb / 12P
IR Receiver Modules for Remote Control Systems
05-Aug-2021
More results

Similar Description - TSOP935..P10TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP4830ON1 VISHAY-TSOP4830ON1 Datasheet
405Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
IR Receiver Modules for Remote Control Systems
31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
IR Receiver Modules for Remote Control Systems
26-Sep-08
TSOP31230 VISHAY-TSOP31230 Datasheet
160Kb / 8P
IR Receiver Modules for Remote Control Systems
19-Aug-08
TSOP6130 VISHAY-TSOP6130 Datasheet
414Kb / 13P
IR Receiver Modules for Remote Control Systems
10-Jun-08
TSOP372 VISHAY-TSOP372 Datasheet
257Kb / 11P
IR Receiver Modules for Remote Control Systems
11-Nov-15
TSOP572 VISHAY-TSOP572 Datasheet
259Kb / 11P
IR Receiver Modules for Remote Control Systems
10-Nov-15
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
IR Receiver Modules for Remote Control Systems
22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
IR Receiver Modules for Remote Control Systems
13-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com