Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F583 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F583
Description  4-bit BCD adder
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F583 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F583 Datasheet HTML 1Page - NXP Semiconductors 74F583 Datasheet HTML 2Page - NXP Semiconductors 74F583 Datasheet HTML 3Page - NXP Semiconductors 74F583 Datasheet HTML 4Page - NXP Semiconductors 74F583 Datasheet HTML 5Page - NXP Semiconductors 74F583 Datasheet HTML 6Page - NXP Semiconductors 74F583 Datasheet HTML 7Page - NXP Semiconductors 74F583 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product specification
74F583
4-bit BCD adder
2
1989 Apr 06
853–1245 96263
FEATURES
• Adds two decimal numbers
• Full internal look-ahead
• Fast ripple carry for economical expansion
• Sum output delay 19.5 ns max.
• Ripple carry delay 8.5 ns max.
• Input to ripple delay 13.0 ns max.
• Supply current 60 mA max.
DESCRIPTION
The 74F583 4-bit coded (BCD) full adder performs the addition of
two decimal numbers (A0–A3, B0–B3). The look-ahead generates
BCD carry terms internally, allowing the 74F583 to then do BCD
addition correctly. For BCD numbers 0 through 9 at A and B inputs,
the BCD sum forms at the output.
In addition of two BCD numbers totalling a number greater than 9, a
valid BCD number and carry will result. For input values larger than
9, the number is converted from binary to BCD. Binary to BCD
conversion occurs by grounding one set of inputs, An or Bn, and
applying a 4-bit binary number to the other set of inputs. If the input
is between 0 and 9, a BCD number occurs at the output. If the
binary input falls between 10 and 15, a carry term is generated. Both
the carry term and the sum are the BCD equivalent of the binary
input. Converting binary numbers greater than 16 may be achieved
by cascading 74F583s.
PIN CONFIGURATION
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
B1
B2
B3
A3
Cn
Cn+4
S2
GND
VCC
A2
A1
A0
B0
S0
S1
S3
SF01436
TYPE
TYPICAL
PROPAGATION
DELAY
TYPICAL
SUPPLY CURRENT
(TOTAL)
74F583
9.0 ns
45 mA
ORDERING INFORMATION
PACKAGE
COMMERCIAL RANGE
VCC = 5 V ±10%
Tamb = 0°C to +70°C
DRAWING
NUMBER
16-pin plastic DIP
N74F583N
SOT38-4
16-pin plastic SO
N74F583D
SOT109-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F (U.L.)
HIGH / LOW
LOAD VALUE
HIGH / LOW
A0–A3
A operand inputs
1.0 / 2.0
20
µA / 1.2 mA
B0–B3
B operand inputs
1.0 / 2.0
20
µA / 1.2 mA
Cn
Carry input
1.0 / 1.0
20
µA / 0.6 mA
Cn+4
Carry output
50 / 33
1.0 mA / 20 mA
S0–S3
Sum outputs
50 / 33
1.0 mA / 20 mA
NOTE:
One (1.0) FAST Unit Load is defined as 20
µA in the High state and 0.6 mA in the Low state.
LOGIC SYMBOL
A0
B0
A1
B1
A2
B2
A3
B3
S0
S1
S2
S3
3
4
2
15
1
14
12
13
11
10
7
9
Cn
Cn+4
6
5
VCC = Pin 16
GND = Pin 8
SF01437
LOGIC SYMBOL (IEEE/IEC)
13
14
15
4
12
1
2
3
5
11
10
7
9
6
0
3
CO
CI
0
3
0
3
Σ
P
Q
Σ (BCD)
SF01438



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com