Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSOP993.. Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TSOP993..
Description  IR Receiver Modules for Remote Control Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP993.. Datasheet(HTML) 6 Page - Vishay Siliconix

  TSOP993.. Datasheet HTML 1Page - Vishay Siliconix TSOP993.. Datasheet HTML 2Page - Vishay Siliconix TSOP993.. Datasheet HTML 3Page - Vishay Siliconix TSOP993.. Datasheet HTML 4Page - Vishay Siliconix TSOP993.. Datasheet HTML 5Page - Vishay Siliconix TSOP993.. Datasheet HTML 6Page - Vishay Siliconix TSOP993.. Datasheet HTML 7Page - Vishay Siliconix TSOP993.. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TSOP993.., TSOP995..
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 02-Aug-2021
6
Document Number: 82858
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SUITABLE DATA FORMAT
This series is designed to suppress spurious output pulses
due to noise or disturbance signals. The devices can
distinguish data signals from noise due to differences in
frequency, burst length, and envelope duty cycle. The data
signal should be close to the device’s band-pass center
frequency (e.g. 38 kHz) and fulfill the conditions in the table
below.
When a data signal is applied to the product in the presence
of a disturbance, the sensitivity of the receiver is
automatically reduced by the AGC to insure that no spurious
pulses are present at the receiver’s output. Some examples
which are suppressed are:
• DC light (e.g. from tungsten bulbs sunlight)
• Continuous signals at any frequency
• Strongly or weakly modulated patterns from fluorescent
lamps with electronic ballasts (see Fig. 13 or Fig. 14)
Fig. 13 - IR Emission from Fluorescent Lamp
With Low Modulation
Fig. 14 - IR Emission from Fluorescent Lamp
With High Modulation
Note
• For data formats with long bursts (more than 10 carrier cycles) please see the datasheet for TSOP992.., TSOP994.., or TSOP996..
16920
10
100
1000
10000
0
1
2
3
4
5
6
7
0
5
10
15
20
Axis Title
Time (ms)
16921
10
100
1000
10000
-60
-40
-20
0
20
40
0
5
10
15
20
Axis Title
Time (ms)
TSOP993..
TSOP995..
Minimum burst length
6 cycles/burst
6 cycles/burst
After each burst of length
A gap time is required of
6 to 20 cycles
≥ 8 cycles
6 to 38 cycles
≥ 8 cycles
For bursts greater than
a minimum gap time in the data stream is needed of
20 cycles
> 6 x burst length
38 cycles
> 20 ms
Maximum number of continuous short bursts/second
2500
2500
RCMM code
Preferred
Yes
XMP-1 code
Preferred
Yes
r-map code
Yes
Preferred
RECS-80 code
Preferred
Yes
Suppression of interference from fluorescent lamps
Fig. 13 and Fig. 14
Fig. 13 and Fig. 14



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com