Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73853IMF Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP73853IMF
Description  USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73853IMF Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP73853IMF Datasheet HTML 9Page - Microchip Technology MCP73853IMF Datasheet HTML 10Page - Microchip Technology MCP73853IMF Datasheet HTML 11Page - Microchip Technology MCP73853IMF Datasheet HTML 12Page - Microchip Technology MCP73853IMF Datasheet HTML 13Page - Microchip Technology MCP73853IMF Datasheet HTML 14Page - Microchip Technology MCP73853IMF Datasheet HTML 15Page - Microchip Technology MCP73853IMF Datasheet HTML 16Page - Microchip Technology MCP73853IMF Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
 2004 Microchip Technology Inc.
DS21915A-page 13
MCP73853/55
5.0
DETAILED DESCRIPTION
5.1
Analog Circuitry
5.1.1
BATTERY MANAGEMENT INPUT
SUPPLY (VDD1, VDD2)
The VDD input is the input supply to the MCP7385X
devices. The MCP7385X devices automatically enter a
power-down mode if the voltage on the VDD input falls
below the UVLO voltage (VSTOP). This feature prevents
draining the battery pack when the VDD supply is not
present.
5.1.2
PROG INPUT
Fast charge current regulation can be scaled by placing
a programming resistor (RPROG) from the PROG input
to VSS. Connecting the PROG input to VSS allows for a
maximum fast charge current of 400 mA, typically. The
minimum fast charge current is 85 mA (Typ) and is set
by letting the PROG input float. Equation 5-1 calculates
the value for RPROG.
EQUATION 5-1:
The preconditioning trickle charge current and the
charge termination current are scaled to approximately
10% and 7% of IREG, respectively.
5.1.3
CELL TEMPERATURE SENSOR
BIAS (THREF)
A 2.55V voltage reference is provided to bias an exter-
nal thermistor for continuous cell temperature monitor-
ing
and
prequalification.
A
ratio-metric
window
comparison is performed at threshold levels of
VTHREF/2 and VTHREF/4.
5.1.4
CELL TEMPERATURE SENSOR
INPUT (THERM)
The MCP73853 continuously monitors temperature by
comparing the voltage between the THERM input and
VSS with the upper and lower temperature thresholds.
A negative or positive temperature coefficient, NTC or
PTC thermistor and an external voltage divider typically
develops this voltage. The temperature-sensing circuit
has its own reference to which it performs a ratio-metric
comparison. Therefore, it is immune to fluctuations in
the supply input (VDD). The temperature-sensing circuit
is removed from the system when VDD is not applied,
eliminating additional discharge of the battery pack.
Figure 6-1 depicts a typical application circuit with
connection of the THERM input. The resistor values of
RT1 and RT2 are calculated with the following
equations.
For NTC thermistors:
For PTC thermistors:
Applying a voltage equal to VTHREF/3 to the THERM
input disables temperature monitoring.
5.1.5
TIMER SET INPUT (TIMER)
The TIMER input programs the period of the safety tim-
ers by placing a timing capacitor (CTIMER) between the
TIMER input pin and VSS. Three safety timers are
programmed via the timing capacitor.
The preconditioning safety timer period:
The fast charge safety timer period:
And, the elapsed time termination period:
The preconditioning timer starts after qualification and
resets when the charge cycle transitions to the
constant-current, fast charge phase. The fast charge
timer and the elapsed timer start after the MCP7385X
devices transition from preconditioning. The fast
charge timer resets when the charge cycle transitions
to the Constant-voltage mode. The elapsed timer will
expire and terminate the charge if the sensed current
does not diminish below the termination threshold.
During thermal regulation, the timer is slowed down
proportional to the charge current.
R
PROG
13.32
33.3
I
REG
×
–
14.1
I
REG
×
1.2
–
------------------------------------------------
=
Where:
IREG is the desired fast charge current in
amps
RPROG is in kilo-ohms.
R
T1
2R
COLD
R
HOT
×
×
R
COLD
R
HOT
–
----------------------------------------------
=
R
T2
2R
COLD
R
HOT
×
×
R
COLD
3R
×
HOT
–
----------------------------------------------
=
R
T1
2R
COLD
R
HOT
×
×
R
HOT
R
COLD
–
----------------------------------------------
=
R
T2
2R
COLD
R
HOT
×
×
R
HOT
3R
×
COLD
–
----------------------------------------------
=
Where:
RCOLD and
RHOT are
the
thermistor
resistance values at the temperature window
of interest.
t
PREC ON
C
TIMER
0.1
µF
-------------------
1.0Hour
×
s
=
t
FAST
C
TIMER
0.1
µF
-------------------
1.5Hours
×
=
t
TERM
C
TIME R
0.1
µF
-------------------
3.0Hours
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com