Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73853TIMF Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP73853TIMF
Description  USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73853TIMF Datasheet(HTML) 4 Page - Microchip Technology

  MCP73853TIMF Datasheet HTML 1Page - Microchip Technology MCP73853TIMF Datasheet HTML 2Page - Microchip Technology MCP73853TIMF Datasheet HTML 3Page - Microchip Technology MCP73853TIMF Datasheet HTML 4Page - Microchip Technology MCP73853TIMF Datasheet HTML 5Page - Microchip Technology MCP73853TIMF Datasheet HTML 6Page - Microchip Technology MCP73853TIMF Datasheet HTML 7Page - Microchip Technology MCP73853TIMF Datasheet HTML 8Page - Microchip Technology MCP73853TIMF Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
MCP73853/55
DS21915A-page 4
 2004 Microchip Technology Inc.
Charge Termination
Charge Termination Current
ITERM
3.7
6.5
9.3
mA
PROG = OPEN
18
32
46
mA
PROG = VSS
TA = -5°C to +55°C
Automatic Recharge
Recharge Threshold Voltage
VRTH
VREG –
300mV
VREG –
200mV
VREG –
100mV
VVBAT High-to-Low
Thermistor Reference - MCP73853
Thermistor Reference
Output Voltage
VTHREF
2.4752.552.625
V
TA = 25°C, VDD = VREG(Typ) + 1V,
ITHREF = 0 mA
Thermistor Reference
Source Current
ITHREF
200
—
—
µA
Thermistor Reference Line
Regulation
|(∆V
THREF/
VTHREF)|/∆VDD
—
0.05
0.25
%/V VDD = [VREG (Typ) + 1V] to 5.5V
Thermistor Reference Load
Regulation
|∆V
THREF/
VTHREF|
0.02
0.10
%
ITHREF = 0 mA to 0.20 mA
Thermistor Comparator - MCP73853
Upper Trip Threshold
VT1
1.18
1.25
1.32
V
Upper Trip Point Hysteresis
VT1HYS
—-50
—
mV
Lower Trip Threshold
VT2
0.59
0.62
0.66
V
Lower Trip Point Hysteresis
VT2HYS
—80
—
mV
Input Bias Current
IBIAS
——
2
µA
Status Indicator – STAT1, STAT2
Sink Current
ISINK
48
12
mA
Low Output Voltage
VOL
—
200
400
mV
ISINK = 1 mA
Input Leakage Current
ILK
—0.01
1
µAI
SINK = 0 mA, VSTAT1,2 = 5.5V
Enable Input
Input High Voltage Level
VIH
1.4
—
—
V
Input Low Voltage Level
VIL
——
0.8
V
Input Leakage Current
ILK
—0.01
1
µAV
ENABLE = 5.5V
Thermal Shutdown
Die Temperature
TSD
—155
—
°C
Die Temperature Hysteresis
TSDHYS
—10
—
°C
DC CHARACTERISTICS (Continued)
Electrical Specifications: Unless otherwise indicated, all limits apply for VDD = [VREG(Typ) + 0.3V] to 5.5V,
TA = -40°C to 85°C. Typical values are at +25°C, VDD = [VREG (Typ) + 1.0V]
Parameters
Sym
Min
Typ
Max
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com