Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73855IMF Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP73855IMF
Description  USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73855IMF Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP73855IMF Datasheet HTML 16Page - Microchip Technology MCP73855IMF Datasheet HTML 17Page - Microchip Technology MCP73855IMF Datasheet HTML 18Page - Microchip Technology MCP73855IMF Datasheet HTML 19Page - Microchip Technology MCP73855IMF Datasheet HTML 20Page - Microchip Technology MCP73855IMF Datasheet HTML 21Page - Microchip Technology MCP73855IMF Datasheet HTML 22Page - Microchip Technology MCP73855IMF Datasheet HTML 23Page - Microchip Technology MCP73855IMF Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
 2004 Microchip Technology Inc.
DS21915A-page 21
MCP73853/55
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Sales and Support
Device
MCP73853:
USB compatible charge controller with tem-
perature monitor
MCP73853T:
USB compatible charge controller with tem-
perature monitor, Tape and Reel
MCP73855:
USB compatible charge controller
MCP73855T:
USB compatible charge controller,
Tape and Reel
Temperature Range
I
=
-40
°C to +85°C (Industrial)
Package
ML
= Plastic Quad Flat No Lead, 4x4 mm Body (QFN),
16-Lead
MF
= Plastic Dual Flat No Lead, 3x3 mm Body (DFN),
10-Lead
PART NO.
X
XX
Package
Temperature
Range
Device
Examples:
a)
MCP73853T-I/ML: Tape and Reel,
USB compatible charge
controller with tempera-
ture monitor
b)
MCP73853-I/ML:
USB compatible charge
controller with tempera-
ture monitor
a)
MCP73855T-I/MF: Tape and Reel,
USB compatible charge
controller
b)
MCP73855-I/MF:
USB compatible charge
controller
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
Customer Notification System
Register on our web site (www.microchip.com) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com