Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM4006F9WS21 Datasheet(PDF) 7 Page - EM Microelectronic - MARIN SA

Part # EM4006F9WS21
Description  13.56 MHz 64 Data bit Read Only Contactless Identification Device
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4006F9WS21 Datasheet(HTML) 7 Page - EM Microelectronic - MARIN SA

Back Button EM4006F9WS21 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4006F9WS21 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4006F9WS21 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4006F9WS21 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4006F9WS21 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4006F9WS21 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4006F9WS21 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4006F9WS21 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4006F9WS21 Datasheet HTML 10Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
EM4006
Copyright
 2001, EM Microelectronic-Marin SA
7
www.emmicroelectronic.com
Fig. 7
Miller Encoder
The input to Miller encoder is NRZ data coming from
LROM. The output is coded according to Miller format and
is driving the modulator Switch. See figure 6 for example
of Miller code.
Clock Generation
The clock of the logic is extracted from the RF signal. The
clock extracted from RF signal is driving the divider chain
consisting of toggle flip-flops. The output of this divider
chain is data clock with which the data from Laser ROM
(LROM) is addressed, encoded and sent to Modulator
Switch.
The layout of divider chain is designed in a way that
different data rates can be chosen with metal mask
(options).
The following division factors are possible on request:
128, 256, 1024, 2048, 4094 and 8192.
The standard is 512.
Others
As mentioned in Output Sequence, during the pause (LW)
the Modulator Switch is OFF. When observing the pause
duration one has to remember that the time with
Modulator Switch OFF effectively observed can vary due
to different terminations of STDMS. The stop bit at 0 can
be represented either by Modulator Switch ON or OFF
depending on the data. The start bit at 1 adds 1/2 of data
period OFF (transition in the middle of bit period).
Figure below show the four possible terminations of
STDMS and its influence on entire period passed by
Modulator Switch OFF. Level LOW represents Modulator
Switch OFF. LDB stands for last data bit.
time
time
modulator
ON/OFF
READ
64 bits
period
chip operating voltage range: from V
min to Vmax
V
max (voltage clipping)
V
min
V
r (Read wake up)
chip supply voltage
ON
OFF
supply voltage
V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com