Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F598 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F598
Description  8-bit shift register with input storage registers 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F598 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F598 Datasheet HTML 1Page - NXP Semiconductors 74F598 Datasheet HTML 2Page - NXP Semiconductors 74F598 Datasheet HTML 3Page - NXP Semiconductors 74F598 Datasheet HTML 4Page - NXP Semiconductors 74F598 Datasheet HTML 5Page - NXP Semiconductors 74F598 Datasheet HTML 6Page - NXP Semiconductors 74F598 Datasheet HTML 7Page - NXP Semiconductors 74F598 Datasheet HTML 8Page - NXP Semiconductors 74F598 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Philips Semiconductors
Product specification
74F598
8-bit shift register with input storage registers (3-State)
2
1991 Oct 21
853–1583 04407
FEATURES
• High impedance PNP base input for reduced loading (20µA in
High and Low states)
• 8–bit parallel storage register
• Shift register has asynchronous direct overriding reset
• Shift load SHLD is functional when SHCP is Low and locked out
when SHCP is High.
• Guaranteed shift frequency DC to 105MHz
• Parallel 3–State I/O storage register inputs and shift register
parallel outputs
DESCRIPTION
The 74F598 consists of an 8–bit storage register feeding a
parallel–in/serial–in, parallel–out/serial–out 8–bit shift register. Both
the storage register and shift register have positive edge–triggered
clocks. The shift register has asynchronous reset and when SHCP
is Low, it has asynchronous load.
The shift register load function has been modified to load when both
SHLD and SHCP are Low. When SHCP is High the shift register
load operation is not performed. Data will be properly shifted on the
rising edge of SHCP when SHLD is High.
TYPE
TYPICAL SHCP fmax
TYPICAL SUPPLY
CURRENT (TOTAL)
74F598
100MHz
75mA
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
PKG DWG #
20–pin plastic DIP
N74F598N
SOT146-1
20–pin plastic SOL
N74F598D
SOT163-1
INPUT AND OUTPUT LOADING AND FAN OUT TABLE
PINS
DESCRIPTION
74F (U.L.) High/
Low
LOAD VALUE
High/Low
I/On
Parallel data input
1.0/0.033
20
µA/20µA
Ds0, Ds1
Serial data inputs
1.0/0.033
20
µA/20µA
SHCP
Shift register clock pulse input
1.0/0.033
20
µA/20µA
STCP
Storage register clock pulse input
1.0/0.033
20
µA/20µA
SHCPEN
Shift register clock pulse enable input
1.0/0.033
20
µA/20µA
SHLD
Shift register load input (active Low)
1.0/0.033
20
µA/20µA
SHRST
Shift register reset input (active Low)
1.0/0.033
20
µA/20µA
S
Serial data select input
1.0/0.033
20
µA/20µA
OE
Output enable input
1.0/0.033
20
µA/20µA
Qs
Serial data output
50/33
1.0mA/20mA
I/On
Parallel data outputs
150/40
3.0mA/24mA
Note to input and output loading and fan out table
1. One (1.0) FAST unit load is defined as: 20
µA in the High state and 0.6mA in the Low state.
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20 VCC
S
DS0
DS1
OE
STCP
SHCPEN
SHCP
SHRST
Qs
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
SHLD
GND
SF00375
LOGIC SYMBOL
Qs
VCC = Pin 20
GND = Pin 10
S
OE
STCP
SHCPEN
SHCP
SHRST
SHLD
19
16
15
14
13
12
9
11
Ds0
18
Ds1
17
I/O0
1
I/O1
2
I/O2
3
I/O3
4
I/O4
5
I/O5
6
I/O6
7
I/O7
8
SF00376



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com