Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP17/16 Datasheet(PDF) 1 Page - FIBOX Enclosing innovations

Part # FP17/16
Description  Front plate (aluminium), for enclosures:
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIBOX [FIBOX Enclosing innovations]
Direct Link  http://www.fibox.co.kr/
Logo FIBOX - FIBOX Enclosing innovations

FP17/16 Datasheet(HTML) 1 Page - FIBOX Enclosing innovations

  FP17/16 Datasheet HTML 1Page - FIBOX Enclosing innovations  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FP 17/16
Sample image
Order symbol : FP 17/16
Product nr : 7720070
Description : Front plate (aluminium), for enclosures:
Remarks : 166x160x80, 166x160x89, 166x160x106, 166x160x108, 166x160x118,
188x160x134
EAN : 6418074035783
El. number :
• Finland :
• Denmark : 8212016237
• Sweden : 2537318
Including :
FP_17_16
Dimensions :
Height
Width
Depth
mm :
160
100
0
inch :
6.3
3.94
0
Materials :
Material :
Base colour :
Cover colour :
Gasket material :
Temperatures :
Temperature °C (short term) :
Temperature °C (continuous) :
Temperature °F (short term) :
Temperature °F (continuous) :
Rating :
Ingress protection (EN 60529):
Impact Resistance (EN 62262):
Electrical insulation :
Not insulated
Halogen free (DIN/VDE 0472, Part 815):
0
UV resistance :
-
Flammability Rating :
Glow Wire Test (IEC 695-2-1) °C :
C
NEMA Class
Certificates :
© Fibox Oy, Data subject to change without notice (printed: 19.01.2023)


Similar Part No. - FP17/16

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FP17001 LEDIL-FP17001 Datasheet
1Mb / 4P
~15째 spot beam. Assembly with installation adapter.
FP17002 LEDIL-FP17002 Datasheet
1Mb / 4P
~25째 wide beam
FP17003 LEDIL-FP17003 Datasheet
1Mb / 3P
~36째 wide beam.
logo
List of Unclassifed Man...
FP175F ETC1-FP175F Datasheet
48Kb / 2P
12,500 V - 20,000 V Rectifier Stacks 2.2 A Forward Current 150 ns Recovery Time
logo
Voltage Multipliers Inc...
FP175F VMI-FP175F Datasheet
71Kb / 1P
High Voltage Rectifier Stacks
More results

Similar Description - FP17/16

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
8392224 FIBOX-8392224 Datasheet
51Kb / 2P
Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392226 FIBOX-8392226 Datasheet
60Kb / 2P
Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392227 FIBOX-8392227 Datasheet
53Kb / 2P
Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392228 FIBOX-8392228 Datasheet
50Kb / 2P
Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
7720026 FIBOX-7720026 Datasheet
42Kb / 1P
Front plate (aluminium), for enclosures:
19.01.2023
7720027 FIBOX-7720027 Datasheet
42Kb / 1P
Front plate (aluminium), for enclosures
19.01.2023
7720139 FIBOX-7720139 Datasheet
42Kb / 1P
Front plate (aluminium), for enclosures:
19.01.2023
8270080 FIBOX-8270080 Datasheet
47Kb / 1P
Swing door/Front plate, for enclosures
26.07.2023
8278060 FIBOX-8278060 Datasheet
47Kb / 1P
Swing door/Front plate, for enclosures:
26.07.2023
8392229 FIBOX-8392229 Datasheet
48Kb / 1P
Swing-out door/Front plate (aluminium), for enclosures
26.07.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com