Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR1007 Datasheet(PDF) 2 Page - Mimix Broadband

Part # XR1007
Description  11.0-17.0 GHz GaAs MMIC Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XR1007 Datasheet(HTML) 2 Page - Mimix Broadband

  XR1007 Datasheet HTML 1Page - Mimix Broadband XR1007 Datasheet HTML 2Page - Mimix Broadband XR1007 Datasheet HTML 3Page - Mimix Broadband XR1007 Datasheet HTML 4Page - Mimix Broadband XR1007 Datasheet HTML 5Page - Mimix Broadband XR1007 Datasheet HTML 6Page - Mimix Broadband XR1007 Datasheet HTML 7Page - Mimix Broadband XR1007 Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
11.0-17.0 GHz GaAs MMIC
Receiver
Page 2 of 8
Receiver Measurements
LSB, PRF= - 20 dBm, PLO = 0, 3 & 6 dBm, VG4 = - 0.6 V, 5 RC, 08 AUG 2005:
OIP3 avg (dBm) vs. RF (GHz)
0
5
10
15
20
25
11
12
13
14
15
16
17
18
19
RF (GHz)
OIP3, PLO (dBm)=0, RC=R10C4
OIP3, PLO (dBm)=0, RC=R10C6
OIP3, PLO (dBm)=0, RC=R11C6
OIP3, PLO (dBm)=0, RC=R12C4
OIP3, PLO (dBm)=0, RC=R13C7
OIP3, PLO (dBm)=3, RC=R10C4
OIP3, PLO (dBm)=3, RC=R10C6
OIP3, PLO (dBm)=3, RC=R11C6
OIP3, PLO (dBm)=3, RC=R12C4
OIP3, PLO (dBm)=3, RC=R13C7
OIP3, PLO (dBm)=6, RC=R10C4
OIP3, PLO (dBm)=6, RC=R10C6
OIP3, PLO (dBm)=6, RC=R11C6
OIP3, PLO (dBm)=6, RC=R12C4
OIP3, PLO (dBm)=6, RC=R13C7
USB, PRF= - 20 dBm, PLO = 0, 3 & 6 dBm, VG4 = - 0.6 V, 5 RC, 08 AUG 2005:
OIP3 avg (dBm) vs. RF (GHz)
0
5
10
15
20
25
11
12
13
14
15
16
17
18
19
RF (GHz)
OIP3, PLO (dBm)=0, RC=R10C4
OIP3, PLO (dBm)=0, RC=R10C6
OIP3, PLO (dBm)=0, RC=R11C6
OIP3, PLO (dBm)=0, RC=R12C4
OIP3, PLO (dBm)=0, RC=R13C7
OIP3, PLO (dBm)=3, RC=R10C4
OIP3, PLO (dBm)=3, RC=R10C6
OIP3, PLO (dBm)=3, RC=R11C6
OIP3, PLO (dBm)=3, RC=R12C4
OIP3, PLO (dBm)=3, RC=R13C7
OIP3, PLO (dBm)=6, RC=R10C4
OIP3, PLO (dBm)=6, RC=R10C6
OIP3, PLO (dBm)=6, RC=R11C6
OIP3, PLO (dBm)=6, RC=R12C4
OIP3, PLO (dBm)=6, RC=R13C7
14REC0607, USB Conv. Gain (dB) and Im. Rej (dBc)
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
RF (GHz)
Conv Gain, USB
Image Rej, USB
14REC0607, LSB Conv. Gain (dB) and Im. Rej (dBc)
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
RF (GHz)
Conv Gain, LSB
Image Rej, LSB
14REC0607 Noise Figure (dB)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
10
11
12
13
14
15
16
17
18
19
20
RF (GHz)
USB
LSB
14REC0607 Third Order Intermod Performance, PLO = +6dBm
0
2
4
6
8
10
12
14
16
18
20
22
24
11
12
13
14
15
16
17
18
19
RF (GHz)
IIP3, LSB
IIP3, USB
OIP3, LSB
OIP3, USB
January 2006 - Rev 25-Jan-06
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
R1007



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com