Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM4100A5CI2LC Datasheet(PDF) 6 Page - EM Microelectronic - MARIN SA

Part # EM4100A5CI2LC
Description  Read Only Contactless Identification Device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4100A5CI2LC Datasheet(HTML) 6 Page - EM Microelectronic - MARIN SA

  EM4100A5CI2LC Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM4100A5CI2LC Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4100A5CI2LC Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4100A5CI2LC Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4100A5CI2LC Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4100A5CI2LC Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4100A5CI2LC Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4100A5CI2LC Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4100A5CI2LC Datasheet HTML 9Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
R
EM4100
PSK Code
"0" ON SERIAL OUT
"1" ON SERIAL OUT
Modulator control
COIL1
Serial Data Out
Modulation control "low" means high current
Fig. 8
Typical Performance Characteristics
Typical Capacitor Variation versus Temperature
99.6
99.8
100
100.2
100.4
100.6
100.8
101
-50
-25
0
25
50
75
100
Temperature [°C]
Fig. 9
L versus Resonance Frequency versus for a typical
coil capacitance of 74 pf
10
15
20
25
30
35
40
100
110
120
130
140
150
Frequency [KHz]
Copyright © 2004, EM Microelectronic-Marin SA
6
www.emmicroelectronic.com
Fig. 11
Dynamic Consumption Versus temperature with Vdd-
Vss=1.5V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-50
-25
0
25
50
75
100
Temperature [ °C ]
Manchester
and biphase
PSK
Fig. 10
Rectified Voltage versus temperature for
Vcoil2-Vcoil1=2.8V
1.65
1.7
1.75
1.8
1.85
1.9
1.95
2
-50
-25
0
25
50
75
100
Temperature [°C]
Fig. 12



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com