Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP25/22 Datasheet(PDF) 1 Page - FIBOX Enclosing innovations

Part # MP25/22
Description  Mounting plate, for enclosures:
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIBOX [FIBOX Enclosing innovations]
Direct Link  http://www.fibox.co.kr/
Logo FIBOX - FIBOX Enclosing innovations

MP25/22 Datasheet(HTML) 1 Page - FIBOX Enclosing innovations

  MP25/22 Datasheet HTML 1Page - FIBOX Enclosing innovations  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MP 25/22
Sample image
Order symbol : MP 25/22
Product nr : 7720140
Description : Mounting plate, for enclosures:
Remarks : 257x219x122, 257x219x135, 280x219x156
EAN : 6418074059307
El. number :
• Finland :
• Denmark :
• Sweden :
Including :
MP_25_22
Dimensions :
Height
Width
Depth
mm :
225
175
1
inch :
8.86
6.89
0.04
Materials :
Material :
Base colour :
Cover colour :
Gasket material :
Temperatures :
Temperature °C (short term) :
Temperature °C (continuous) :
Temperature °F (short term) :
Temperature °F (continuous) :
Rating :
Ingress protection (EN 60529):
Impact Resistance (EN 62262):
Electrical insulation :
Not insulated
Halogen free (DIN/VDE 0472, Part 815):
0
UV resistance :
-
Flammability Rating :
Glow Wire Test (IEC 695-2-1) °C :
C
NEMA Class
Certificates :
© Fibox Oy, Data subject to change without notice (printed: 19.01.2023)


Similar Part No. - MP25/22

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MP25 VISHAY-MP25 Datasheet
59Kb / 1P
Power Rheostats
25-Aug-00
logo
CHENG-YI ELECTRONIC CO....
MP25 CHENG-YI-MP25 Datasheet
156Kb / 2P
15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
logo
Mercury United Electron...
MP25 MERCURY-MP25 Datasheet
116Kb / 1P
Surface Mount Crystals
logo
EUROQUARTZ limited
MP25 EUROQUARTZ-MP25 Datasheet
135Kb / 1P
Frequency range 3.20MHz to 70.0MHZ
logo
Apex Electronics Co., L...
MP25 APEX-ELECTRONICS-MP25 Datasheet
1Mb / 4P
Mtal pushbutton switch, 1 million cycles, IP67, IK08
More results

Similar Description - MP25/22

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
9511007 FIBOX-9511007 Datasheet
36Kb / 1P
Mounting plate, for enclosures
9511016 FIBOX-9511016 Datasheet
36Kb / 1P
Mounting plate, for enclosures
9511021 FIBOX-9511021 Datasheet
36Kb / 1P
Mounting plate, for enclosures
9512009 FIBOX-9512009 Datasheet
51Kb / 1P
Mounting plate, for enclosures
13.01.2023
9512012 FIBOX-9512012 Datasheet
42Kb / 1P
Mounting plate, for enclosures:
13.01.2023
3770550 FIBOX-3770550 Datasheet
42Kb / 1P
Mounting plate, for enclosures
11.01.2023
4712117 FIBOX-4712117 Datasheet
50Kb / 1P
Mounting plate, for enclosures
11.01.2023
4712118 FIBOX-4712118 Datasheet
39Kb / 1P
Mounting plate, for enclosures
11.01.2023
7720033 FIBOX-7720033 Datasheet
49Kb / 2P
Mounting plate, for enclosures:
19.01.2023
7720071 FIBOX-7720071 Datasheet
50Kb / 2P
Mounting plate, for enclosures
19.01.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com