Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F604 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74F604
Description  Dual octal latch 3-State
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F604 Datasheet(HTML) 1 Page - NXP Semiconductors

  74F604 Datasheet HTML 1Page - NXP Semiconductors 74F604 Datasheet HTML 2Page - NXP Semiconductors 74F604 Datasheet HTML 3Page - NXP Semiconductors 74F604 Datasheet HTML 4Page - NXP Semiconductors 74F604 Datasheet HTML 5Page - NXP Semiconductors 74F604 Datasheet HTML 6Page - NXP Semiconductors 74F604 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Philips Semiconductors
Product specification
74F604
Dual octal latch (3-State)
1
1990 Mar 01
853–0029 98991
FEATURES
• High impedance NPN base inputs for reduced loading
(20
µA in High and Low states)
• Stores 16-bit–wide Data inputs, multiplexed 8-bit outputs
• 3-State outputs
• Power supply current 75mA typical
DESCRIPTION
The 74F604 multiplexed latch is ideal for storing data from two input
buses, A or B, and providing data from either the A or B latches to
the output bus. Organized as 8-bit A and B latches, the latch outputs
are connected by pairs to eight 2-input multiplexers. A Select
(SELECT A/B) input determines whether the A or B latch contents
are multiplexed to the eight 3-State outputs. Data entered from the B
inputs are selected when SELECT A/B is Low; data from the A
inputs are selected when SELECT A/B is High. Data enters the
latches when the Latch Enable (LE) input is Low and is latched on
the LE rising edge. The outputs are enabled when LE is High and
disabled when LE is Low.
PIN CONFIGURATION
28
27
26
25
24
23
22
7
6
5
4
3
2
1
A2
VCC
B5
A6
B6
A5
A4
B4
LE
SELECT A/B
B1
A0
B0
A1
SF01115
21
8
B2
A7
20
19
18
17
16
13
12
11
10
9
Q1
Q6
Q5
Q4
Q7
B7
Q2
A3
B3
Q3
15
14
GND
Q0
TYPE
TYPICAL
PROPAGATION
DELAY
TYPICAL SUPPLY CURRENT
(TOTAL)
74F604
7.5ns
75mA
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%, Tamb = 0°C to +70°C
28-pin plastic DIP
N74F604N
28-pin plastic SOL
N74F604D
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
A0–A7, B0–B7
Data inputs
1.0/0.033
20
µA/20µA
SELECT A/B
Select input
1.0/0.033
20
µA/20µA
LE
Latch Enable input (active Low)
1.0/0.033
20
µA/20µA
Q0–Q7
Data outputs
150/40
3mA/24mA
NOTE:
One (1.0) FAST unit load is defined as: 20
µA in the High state and 0.6mA in the Low state.


Similar Part No. - 74F604

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F620 PHILIPS-74F620 Datasheet
96Kb / 12P
Octal bus transceiver, inverting 3tate
1989 Apr 06
logo
Fairchild Semiconductor
74F620 FAIRCHILD-74F620 Datasheet
52Kb / 6P
Inverting Octal Bus Transceiver with 3-STATE Outputs
74F620PC FAIRCHILD-74F620PC Datasheet
52Kb / 6P
Inverting Octal Bus Transceiver with 3-STATE Outputs
logo
NXP Semiconductors
74F621 PHILIPS-74F621 Datasheet
77Kb / 10P
Octal bus transceiver, non-inverting open collector
1996 Jan 05
74F623 PHILIPS-74F623 Datasheet
96Kb / 12P
Octal bus transceiver, inverting 3tate
1989 Apr 06
More results

Similar Description - 74F604

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT373A PHILIPS-74ABT373A Datasheet
50Kb / 11P
Octal transparent latch 3-State
1995 Feb 17
74F373 PHILIPS-74F373 Datasheet
93Kb / 12P
Octal transparent latch 3-State
1994 Dec 05
74F573 PHILIPS-74F573 Datasheet
107Kb / 14P
Octal transparent latch 3-State
1989 Oct 16
MB2373 PHILIPS-MB2373 Datasheet
115Kb / 11P
Dual octal transparent latch 3-State
August 23, 1993
logo
Texas Instruments
CD54-74AC373 TI-CD54-74AC373 Datasheet
233Kb / 8P
OCTAL TRANSPARENT LATCH, 3-STATE
CD54-74AC563 TI-CD54-74AC563 Datasheet
240Kb / 8P
OCTAL TRANSPARENT LATCH, 3-STATE
logo
Fairchild Semiconductor
MM74HC373 FAIRCHILD-MM74HC373_05 Datasheet
101Kb / 8P
3-STATE Octal D-Type Latch
logo
KODENSHI_AUK CORP.
KK74HCT373A KODENSHI-KK74HCT373A Datasheet
255Kb / 6P
Octal 3-State Noninverting Transparent Latch
logo
Texas Instruments
CD74ACT373M TI1-CD74ACT373M Datasheet
1Mb / 17P
OCTAL TRANSPARENT LATCH, 3-STATE
CD54AC563 TI1-CD54AC563_16 Datasheet
1Mb / 17P
Octal transparent Latch, 3-state
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com