Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL4016-0CF100M/883 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # QL4016-0CF100M/883
Description  90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL4016-0CF100M/883 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button QL4016-0CF100M/883 Datasheet HTML 14Page - List of Unclassifed Manufacturers QL4016-0CF100M/883 Datasheet HTML 15Page - List of Unclassifed Manufacturers QL4016-0CF100M/883 Datasheet HTML 16Page - List of Unclassifed Manufacturers QL4016-0CF100M/883 Datasheet HTML 17Page - List of Unclassifed Manufacturers QL4016-0CF100M/883 Datasheet HTML 18Page - List of Unclassifed Manufacturers QL4016-0CF100M/883 Datasheet HTML 19Page - List of Unclassifed Manufacturers QL4016-0CF100M/883 Datasheet HTML 20Page - List of Unclassifed Manufacturers QL4016-0CF100M/883 Datasheet HTML 21Page - List of Unclassifed Manufacturers QL4016-0CF100M/883 Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
8-57
Military QuickRAM
Rev A
RAM Cell Synchronous Write Timing
RAM Cell Synchronous Read Timing
RAM Cell Asynchronous Read Timing
Notes:
[5] Stated timing for worst case Propagation Delay over process variation at VCC=3.3V and TA=25
°C.
Multiply by the appropriate Delay Factor, K, for speed grade, voltage and temperature settings as
specified in the Operating Range.
Symbol
Parameter
Propagation Delays (ns)
Fanout
1234
8
TSWA
WA Setup Time to WCLK
1.0
1.0
1.0
1.0
1.0
THWA
WA Hold Time to WCLK
0.0
0.0
0.0
0.0
0.0
TSWD
WD Setup Time to WCLK
1.0
1.0
1.0
1.0
1.0
THWD
WD Hold Time to WCLK
0.0
0.0
0.0
0.0
0.0
TSWE
WE Setup Time to WCLK
1.0
1.0
1.0
1.0
1.0
THWE
WE Hold Time to WCLK
0.0
0.0
0.0
0.0
0.0
TWCRD
WCLK to RD (WA=RA) [5]
5.0
5.3
5.6
5.9
7.1
Symbol
Parameter
Propagation Delays (ns)
Fanout
1234
8
TSRA
RA Setup Time to RCLK
1.0
1.0
1.0
1.0
1.0
THRA
RA Hold Time to RCLK
0.0
0.0
0.0
0.0
0.0
TSRE
RE Setup Time to RCLK
1.0
1.0
1.0
1.0
1.0
THRE
RE Hold Time to RCLK
0.0
0.0
0.0
0.0
0.0
TRCRD
RCLK to RD [5]
4.0
4.3
4.6
4.9
6.1
Symbol
Parameter
Propagation Delays (ns)
Fanout
1234
8
RPDRD
RA to RD [5]
3.0
3.3
3.6
3.9
5.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com