Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-R055 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # MF-R055
Description  PTC Resettable Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-R055 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  MF-R055 Datasheet HTML 1Page - Bourns Electronic Solutions MF-R055 Datasheet HTML 2Page - Bourns Electronic Solutions MF-R055 Datasheet HTML 3Page - Bourns Electronic Solutions MF-R055 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MF-R, MF-RX, MF-R/90, MF-R/250, MF-RX/250 & MF-R/600 Series
Tape and Reel Specifications
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
t
User direction of feed
Cross section A - B
∆p
∆p
H
H1
Reference plane
W0
H0
W1
W
A
B
F
D0
P0
I1
I2
L
H1
P1
∆h
∆h
h
w
h
f
d
Reel
Upper side
Tape
Lower side
User
direction
of
feed
Reel Dimensions - Figure 2
Taped Component Dimensions - Figure 1
4.75
(.187)
±3.25
(±.128)
26
(1.024)
80
(3.15)
91
(3.58)
56
(2.2)
372
(14.6)
372
(14.6)
±12.0
(±.472)
DIMENSIONS =
MM
(INCHES)
IEC
EIA
Dimensions
Dimension Description
Mark
Mark
Dimensions
Tolerance
Space between flanges less device
Arbor hole diameter
fc
Core diameter: MF-R, MF-RX, MF-R/90 & MF-R/250
hn
max.
Core diameter: MF-RX/250 & MF-R/600
hn
max.
Box: MF-R, MF-RX, MF-R/90 & MF-R/250
max.
Box: MF-RX/250
max.
Box: MF-R/600
max.
Consecutive missing places:
MF-R, MF-RX, MF-R/90 & MF-R/250
3
max.
Consecutive missing places: MF-RX/250 & MF-R/600
None
Empty places per reel:
MF-R, MF-RX, MF-R/90 & MF-R/250
Not specified
Empty places per reel: MF-RX/250 & MF-R/600
0.1 %
67
(2.64)
372
(14.6)
362
(14.25)
64
(2.52)
372
(14.6)
362
(14.25)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com