Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM4150 Datasheet(PDF) 13 Page - EM Microelectronic - MARIN SA

Part # EM4150
Description  1 KBit READ / WRITE CONTACTLESS IDENTIFICATION DEVICE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4150 Datasheet(HTML) 13 Page - EM Microelectronic - MARIN SA

Back Button EM4150 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4150 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4150 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4150 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4150 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM4150 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM4150 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM4150 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM4150 Datasheet HTML 14Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
R
EM4150
EM4350
Ordering Information
Die Form
This chart shows general offering; for detailed Part Number to order, please see the table “Standard Versions” below.
-
Circuit Nb:
Customer Version:
EM4150: standard pads
%%% = only for custom specific version
EM4350: mega pads
Version:
Bumping:
A6 = Manchester, 64 clocks per bit
" " (blank) = no bumps
A5 = Manchester, 32 clocks per bit
E = with Gold Bumps (Note 2)
Die form:
Thickness:
WW = Wafer
6 = 6 mils (152um)
WS = Sawn Wafer/Frame
7 = 7 mils (178um)
WT = Sticky Tape
11 = 11 mils (280um)
WP = Waffle Pack (note 1)
21 = 21 mils (533um)
27 = 27 mils (686um)
EM4150 A6 WS 11
%%%
Packaged Devices
This chart shows general offering; for detailed Part Number to order, please see the table “Standard Versions” below.
-
Circuit Nb:
Customer Version:
EM4150: standard pads
%%% = only for custom specific version
Version:
A6 = Manchester, 64 clocks per bit
A5 = Manchester, 32 clocks per bit
Package/Card & Delivery Form:
CI2LB = CID Pack, 2 long pins (2.5mm), in tape
CI2LC = CID Pack, 2 long pins (2.5mm), in bulk
CI2SB = CID Pack, 2 short pins (1.25mm), in tape
CI2SC = CID Pack, 2 short pins (1.25mm), in bulk
CB2RC = PCB Package, 2 pins, in bulk
SO8A = SO-8 Package, in stick (note 1)
CI2LC
%%%
EM4150 A6
Remarks:
•
For ordering please use table of “Standard Version” table below.
•
For specifications of Delivery Form, including gold bumps, tape and bulk, as well as possible other delivery form or
packages, please contact EM Microelectronic-Marin S.A.
•
Note 1:
This is a non-standard package. Please contact EM Microelectronic-Marin S.A for availability.
•
Note 2:
EM4350 is preferably used with gold bumps. Use of EM4150 with gold bump together with direct technology is
subject to license, please contact EM Sales Office.
Copyright
© 2004, EM Microelectronic-Marin SA
13
www.emmicroelectronic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com