Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJS2.5 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # MJS2.5
Description  Lightning Surge Withstand Fuse
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

MJS2.5 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  MJS2.5 Datasheet HTML 1Page - Bel Fuse Inc. MJS2.5 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel: 201-432-0463 • Fax: 201-432-9542 • E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
ORDERING INFORMATION SEE PAGES 67 & 68
m
g
o
l
a
t
a
C
r
e
b
m
u
N
e
r
e
p
m
A
g
n
i
t
a
R
l
a
c
i
p
y
T
d
l
o
C
e
c
n
a
t
s
i
s
e
R
)
m
h
o
(
p
o
r
d
-
t
l
o
V
%
0
0
1
@
n
I
.
x
a
m
)
t
l
o
V
(
I
g
n
i
t
l
e
M
2T
c
e
S
m
0
1
<
A
( 2
)
c
e
S
I
g
n
i
t
l
e
M
2T
0
1
@
n
I
A
( 2
)
c
e
S
)
p
m
A
(
t
n
e
r
r
u
C
e
g
r
u
S
k
a
e
Pm
u
m
i
x
a
M
r
e
w
o
P
n
o
i
t
a
p
i
s
s
i
D
)
W
(
)
A
g
i
F
(
s
e
s
l
u
P
5
2
S
u
0
0
0
1
x
S
u
0
1
)
B
g
i
f
(
s
e
s
l
u
P
0
5
S
u
0
6
5
x
S
u
0
1
0
0
1
S
J
MA
m
0
0
10
0
.
1
15
5
.
18
6
0
.
08
8
0
.
05
.
40
.
62
2
.
0
5
2
1
S
J
MA
m
5
2
12
6
.
75
3
.
11
1
.
04
1
.
06
.
55
.
74
2
.
0
0
5
1
S
J
MA
m
0
5
18
2
.
57
1
.
17
1
.
02
2
.
08
.
60
.
97
2
.
0
0
0
2
S
J
MA
m
0
0
26
6
.
32
0
.
16
2
.
04
3
.
09
2
10
3
.
0
0
5
2
S
J
MA
m
0
5
24
5
.
29
8
.
01
4
.
03
5
.
02
16
14
3
.
0
0
5
3
S
J
MA
m
0
5
36
4
.
12
7
.
00
8
.
03
0
.
18
14
20
4
.
0
0
0
4
S
J
MA
m
0
0
42
2
.
17
6
.
09
9
.
09
2
.
10
27
22
4
.
0
0
0
5
S
J
MA
m
0
0
54
8
.
09
5
.
02
2
6
25
37
4
.
0
0
0
7
S
J
MA
m
0
0
75
2
5
.
09
4
.
03
4
8
30
54
5
.
0
0
5
7
S
J
MA
m
0
5
77
8
4
.
08
4
.
03
4
8
30
55
5
.
0
1
S
J
MA
11
8
2
.
09
3
.
06
8
6
55
74
6
.
0
5
2
.
1
S
J
MA
5
2
.
15
9
1
.
04
3
.
09
2
15
70
0
11
7
.
0
5
.
1
S
J
MA
5
.
15
3
1
.
09
2
.
04
19
14
95
2
10
8
.
0
2
S
J
MA
24
9
0
.
06
2
.
03
20
30
2
10
6
19
8
.
0
5
.
2
S
J
MA
5
.
25
6
0
.
02
2
.
05
37
40
5
10
0
29
9
.
0
3
S
J
MA
35
4
0
.
09
1
.
05
53
75
9
10
6
20
1
.
1
5
.
3
S
J
MA
5
.
37
3
0
.
08
1
.
09
61
95
2
20
0
36
1
.
1
4
S
J
MA
41
3
0
.
07
1
.
06
84
1
15
5
20
4
32
2
.
1
5
S
J
MA
52
2
0
.
05
1
.
05
3
19
7
10
3
30
4
40
4
.
1
6
S
J
MA
65
1
0
.
03
1
.
01
1
29
7
28
2
40
7
50
5
.
1
7
S
J
MA
72
1
0
.
02
1
.
03
6
20
5
38
8
40
5
60
6
.
1
g
n
it
s
e
TC
t
n
e
r
r
u
e
m
i
T
w
o
l
B
m
u
m
i
n
i
Mu
m
i
x
a
Mm
%
0
0
1.s
r
H
4A
/
N
%
5
3
1A
/
Nr
H
1
%
0
0
2c
e
s
3c
e
s
0
2
%
0
0
5c
e
s
m
0
0
1c
e
s
5
.
1
%
0
0
0
1c
e
s
m
0
3c
e
s
m
0
0
3
Approvals
Power Cross Rating
600V ac, 40A
Operating Temperature
-55ºC to +125ºC
Physical Specification
Materials
Glass body / Nickel Plated Brass Caps
Lead wire: Tin-lead plated Copper, Diameter 0.032"
Option With Heat Shrink Tubing (VW-1) over body
Marking
On fuse:“bel”,“MJS”,“Current Rating”,“250V” &
“Appropriate Safety Logos”
On label: Above info plus “
c” and interrupting rating
Packaging
1. In bulk: 500 pcs per box
2. On Axial Tape & Reel: 1,500 pcs per reel
3.Tape & Reel specification: per EIA-296-E & IEC 286-1
@ 10mm Pitch and 52.4mm inside Tape Spacing
s
l
a
v
o
r
p
p
A
y
c
n
e
g
A
y
t
e
f
a
Sy
ti
li
b
a
.
R
.I
@
tl
o
V
/
e
g
n
a
r
p
m
A
4
2
6
0
2
E
.
o
n
e
li
F
d
e
ts
iLA
m
0
0
1
.
A
0
0
0
,
0
1
@
C
A
V
5
2
1
/
A
7
-
2
7
7
9
3
R
L
.
o
n
e
li
F
d
e
if
it
r
e
CA
m
0
0
1
.
A
0
0
2
@
C
A
V
0
5
2
/
A
7
-
3
0
0
1
-
3
0
0
1
3
-
7
3
0
1
T
E
J
.
o
n
e
li
FA
1 .
A
0
0
5
@
C
A
V
5
2
1
/
A
5
-
MJS Fuses are primarily intended for
use in telecommunication circuit applica-
tions requiring low current protection with
high surge tolerance. They are typically
used to replace heat coil type devices.
They are designed to be placed between
the line input and the surge arresting components (mov, gas tube, zenor
diode, air gaps, etc.)
These fuses will withstand transient surge currents generated by
lightning in accordance with the attached table.
MJS fuses guard protected circuitry against sustained overload or
short circuit conditions. Such sustained overloads may be generated by
accidental contact between utility cables and phone lines (power line
cross).
MJS Fuses are used in circuits to obtain compliance with the test
requirements specified in UL 1950/60950 and Bellcore 1089.
Electrical Characteristics (UL/CSA STD.248-14)
MJSD0903
Type MJS
Lightning Surge Withstand Fuse
5 x 15mm Glass Tube
Vßpc
V
ß
p
Consult manufacturer for other ratings
FIG A
FIG B
See P.4 for explanation of Peak Surge Current Withstand
Mechanical Dimensions
0.710"
±0.080"
(18.0
±2.0mm)
0.590"
±0.020"
(1.5
±1.0mm)
0.244"
±0.008"
(6.2
±0.2mm)
WITH INSULATION SLEEVE
0.59"
±0.02"
(15.0
±0.5mm)
0.217"
±0.004"
(5.5
±0.1mm)
1.50"
±0.08"
(38.1
±2.0mm)
SEE LEAD SIZE IN “MATERIAL”
MJS
33


Similar Part No. - MJS2.5

ManufacturerPart #DatasheetDescription
logo
ABB
MJS2-60B ABB-MJS2-60B Datasheet
2Mb / 24P
Pilot devices The core offering
2016
logo
Bel Fuse Inc.
MJS2-R BEL-MJS2-R Datasheet
1Mb / 4P
TYPE MJS LIGHTNING SURGE WITHSTAND FUSE
MJS200-R BEL-MJS200-R Datasheet
1Mb / 4P
TYPE MJS LIGHTNING SURGE WITHSTAND FUSE
logo
List of Unclassifed Man...
MJS22 ETC2-MJS22 Datasheet
130Kb / 2P
Microminiature Slide Switches
MJS22R ETC2-MJS22R Datasheet
130Kb / 2P
Microminiature Slide Switches
More results

Similar Description - MJS2.5

ManufacturerPart #DatasheetDescription
logo
High Voltage Power Solu...
HE300 HVPSI-HE300 Datasheet
57Kb / 2P
SECONDARY SURGE "LIGHTNING" ARRESTER
HE500 HVPSI-HE500 Datasheet
76Kb / 2P
SECONDARY SURGE "LIGHTNING" ARRESTER
HE700 HVPSI-HE700 Datasheet
67Kb / 2P
SECONDARY SURGE "LIGHTNING" ARRESTER
HE900 HVPSI-HE900 Datasheet
67Kb / 2P
SECONDARY SURGE "LIGHTNING" ARRESTER
logo
Bel Fuse Inc.
MJS100-R BEL-MJS100-R Datasheet
1Mb / 4P
TYPE MJS LIGHTNING SURGE WITHSTAND FUSE
logo
MORNSUN Science& Techno...
FS-TD01D MORNSUN-FS-TD01D Datasheet
124Kb / 2P
EMC lightning surge protector
logo
Bourns Electronic Solut...
WS3M22R0J BOURNS-WS3M22R0J Datasheet
493Kb / 3P
High Surge Withstand Wirewound Resistor
logo
M-System Co.,Ltd.
MD7AST MSYSTEM-MD7AST Datasheet
127Kb / 4P
Lightning Surge Protectors for
MD73W MSYSTEM-MD73W Datasheet
122Kb / 3P
Lightning Surge Protectors for Lightning Surge Protectors for
logo
Littelfuse
SP3384NUTG LITTELFUSE-SP3384NUTG Datasheet
520Kb / 5P
Lightning Surge Protection
2021 Littelfuse, Inc
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com