Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLP70 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # NLP70
Description  LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NLP70 Datasheet(HTML) 3 Page - Artesyn Technologies

  NLP70 Datasheet HTML 1Page - Artesyn Technologies NLP70 Datasheet HTML 2Page - Artesyn Technologies NLP70 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
C19
ALL DIMENSIONS IN INCHES (mm)
5.50
(139.70)
MAXIMUM COMPONENT
HEIGHT 1.26 (32.00)
7
J5
J2
1
4.550
(115.57)
2.550
(64.770)
TOLERANCE: .xxx
± 0.005"
.xx
± 0.02"
0.225
(5.715)
3.00
(76.20)
Mounting
Hole Diameter
0.156 (4.00)
N
L
J1
3
1
J3
2
1
T1
Input and output connectors
Mating connectors
AC (J1) connector type
AC (J1) mating connector type
Molex 26-60-4030 type.
Molex 09-50-3031 or equivalent with Molex
08-50-0105 or equivalent crimp terminals.
DC (J3) connector type
DC (J3) mating connector type
Molex 26-60-4020 type.
Molex 09-50-3021 with Molex 2478 phosphor
bronze crimp terminals or equivalent.
DC (J5) connector type
DC (J5) mating connector type
Molex 26-60-4070 type.
Molex 09-50-3071 with Molex phosphor
bronze crimp terminals or equivalent.
Note: The input and output connectors are the same as those
used on NFS40, NAL40, NAN40, NLP40 and NLP65.
Earth (J2) connector type
Earth (J2) mating connector type
Male 0.250 quick disconnect type.
Molex 90028.
International Safety Standard Approvals
VDE0805/EN60950/IEC950
UL1950 approval pending
CSA C22.2 No. 950 approval pending
Data Sheet © Artesyn Technologies® 2002
The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
NLP70 Series
T riple output
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
70W AC/DC Universal Input Switch Mode Power Supplies
3
www.artesyn.com
File Name: NLP70.PDF Rev: 26 Mar 2001



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com