Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLP40-7615 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # NLP40-7615
Description  LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NLP40-7615 Datasheet(HTML) 2 Page - Artesyn Technologies

  NLP40-7615 Datasheet HTML 1Page - Artesyn Technologies NLP40-7615 Datasheet HTML 2Page - Artesyn Technologies NLP40-7615 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
Notes
1
Maximum output power is 40W for natural convection cooling. With 20CFM
fan cooling, the maximum output power is 50W.
2
Peak output current lasting less than 60 seconds with duty cycle less than
5%. During peak loading, output voltage may exceed total reg. limits.
3
Figure is peak-to-peak. Output noise measurements are made across a
50MHz bandwidth using a 12 inch twisted pair, terminated with a 47µF
capacitor.
4
Three orthogonal axes, random vibration 10 minutes for each axes, 2.4G
rms 5Hz to 500Hz.
5
For multiple output units (except -7627) to maintain stated regulation then:
0.25
≤ I
A / IB ≤ 5, for IB > 0.3A
0.50
≤ I
A / IB ≤ 5, for IB < 0.3A
For maximum output current I(C) on triple output models, i.e. for
IC = IMax., IA min. ≥ 0.5A and IA ≥ IB.
For NLP40-7627 only, to maintain stated regulation then:
0.5
≤ I
A / IB ≤ 2.
6
For optimum reliability, no part of the heatsink should exceed 120
°C, and
no semiconductor case temperature should exceed 130
°C.
7
CAUTION: Allow a minimum of 1 second after disconnecting line power
when making thermal measurements.
8
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
9
When the input voltage is <90VAC the operating range is 0
°C to +40°C.
10 For system EMI compliance, a ground choke may be
required before connecting the ground wire to the
chassis. It is recommended that this ground choke be
placed as close as possible to the systems AC inlet to
eliminate noise pick-up in the system.
NLP40 Series
Single, dual and triple output
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
40-50W AC/DC Universal Input Switch Mode Power Supplies
2
www.artesyn.com
File Name: NLP40.PDF Rev: 01 Jan 2000
DERATING CURVE
Output Power (Watts)
0
°C
10
°C
20
°C
30
°C
40
°C
50
°C
60
°C
70
°C
20W
40W
50W
20 CFM FORCED AIR COOLING
25W
NATURAL
CONVECTION
COOLING
OUTPUT
OUTPUT CURRENT
RIPPLE (3)
TOTAL
MODEL NUMBER
VOLTAGE
MAX (1)
PEAK (2)
FAN (1)
REGULATION
+5V (IA)
4.0A
5.0A
4.5A
50mV
±2.0%
NLP40-7608 (5)
+12V (IB)
2.0A
3.0A
3.0A
120mV
±5.0%
–12V (IC)
0.2A
1.0A
0.5A
120mV
±5.0%
+5V (IA)
4.0A
5.0A
4.5A
50mV
±2.0%
NLP40-7610 (5)
+15V (IB)
1.6A
2.0A
2.0A
150mV
±5.0%
–15V (IC)
0.2A
1.0A
0.5A
150mV
±5.0%
+12V (IA)
1.8A
2.2A
2.1A
120mV
±2.0%
NLP40-7627 (5)
-12V (IB)
1.8A
2.2A
2.1A
120mV
±5.0%
+5V (IA)
4.0A
5.0A
4.5A
50mV
±2.0%
NLP40-7629 (5)
+12V (IB)
2.0A
3.0A
3.0A
120mV
±5.0%
5V
8.0A
10A
9.0A
50mV
±2.0%
NLP40-7605
12V
3.3A
4.5A
4.0A
120mV
±2.0%
NLP40-7612
15V
2.6A
3.6A
3.3A
150mV
±2.0%
NLP40-7615
24V
1.6A
2.5A
2.0A
240mV
±2.0%
NLP40-7624
48V
0.8A
1.1A
1.0A
300mV
±2.0%
NLP40-7617
INPUT
PIN CONNECTIONS
J1
Pin 1
AC Line
Pin 2
No Pin
Pin 3
AC Neutral
P1
Pin 1
Safety Ground
OUTPUT PIN CONNECTIONS
J2
SINGLE
DUAL
TRIPLE
Pin 1
+Vout
V (B)
V (B)
Pin 2
+Vout
V (A)
V (A)
Pin 3
+Vout
V (A)
V (A)
Pin 4
Return
Return
Return
Pin 5
Return
Return
Return
Pin 6
Return
Return
V (C)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com