Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F641 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F641
Description  Transceivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F641 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F641 Datasheet HTML 1Page - NXP Semiconductors 74F641 Datasheet HTML 2Page - NXP Semiconductors 74F641 Datasheet HTML 3Page - NXP Semiconductors 74F641 Datasheet HTML 4Page - NXP Semiconductors 74F641 Datasheet HTML 5Page - NXP Semiconductors 74F641 Datasheet HTML 6Page - NXP Semiconductors 74F641 Datasheet HTML 7Page - NXP Semiconductors 74F641 Datasheet HTML 8Page - NXP Semiconductors 74F641 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74F641/74F642*
Transceivers
74F641 Octal Bus Transceiver with Common Output Enable, Non-Inverting (Open Collector)
74F642 Octal Bus Transceiver with Common Output Enable, Inverting (Open Collector)
2
1999 Jan 08
853–0382 20616
* Discontinued part. Please see the Discontinued Products List.
FEATURES
• High-impedance NPN base inputs for reduced loading
(20
µA in High and Low states)
• Octal bidirectional bus interface
• Common Output Enable for both Transmit and Receive modes
• Open collector outputs sink 64mA
• —74F641, non-inverting
—74F642, inverting
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
PKG DWG #
20-pin plastic DIP
N74F641N
SOT146-1
20-pin plastic SOL
N74F641D
SOT163-1
TYPE
TYPICAL
PROPAGATION
DELAY
TYPICAL SUPPLY CURRENT
(TOTAL)
74F641
8.0ns
69mA
74F642
8.5ns
52mA
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F(U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
A0 - A7, B0 - B7
Data inputs
1.0/0.033
20
µA/20µA
T/R
Transmit/Receive input
2.0/0.067
40
µA/40µA
OE
Output Enable inputs
2.0/0.067
40
µA/40µA
A0 - A7
Data outputs
OC/40
OC/24mA
B0 - B7
Data outputs
OC/106.7
OC/64mA
NOTE: One (1.0) FAST unit load is defined as: 20
µA in the High state and 0.6mA in the Low state. OC = Open Collector.
PIN CONFIGURATION – 74F641
SF00198
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
T/R
A0
A1
A2
A3
A4
A5
A6
A7
GND
VCC
OE
B0
B1
B2
B3
B4
B6
B5
B7
PIN CONFIGURATION – 74F642
SF00198
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
T/R
A0
A1
A2
A3
A4
A5
A6
A7
GND
VCC
OE
B0
B1
B2
B3
B4
B6
B5
B7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com