Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM4100A5WT27 Datasheet(PDF) 2 Page - EM Microelectronic - MARIN SA

Part # EM4100A5WT27
Description  Read Only Contactless Identification Device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4100A5WT27 Datasheet(HTML) 2 Page - EM Microelectronic - MARIN SA

  EM4100A5WT27 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM4100A5WT27 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4100A5WT27 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4100A5WT27 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4100A5WT27 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4100A5WT27 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4100A5WT27 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4100A5WT27 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4100A5WT27 Datasheet HTML 9Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
R
EM4100
Copyright © 2004, EM Microelectronic-Marin SA
2
www.emmicroelectronic.com
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Maximum DC Current forced
on COIL1 & COIL2
Power Supply
Storage Temp. Die form
Storage Temp. PCB form
Electrostatic discharge
maximum to MIL-STD-883C
method 3015
ICOIL
VDD
Tstore
Tstore
VESD
±30mA
-0.3 to 7.5V
-55 to +200°C
-55 to +125°C
1000V
Stresses above these listed maximum ratings may cause
permanent damage to the device.
Exposure beyond specified operating conditions max affect
device reliability or cause malfunction.
Operating Conditions
Parameter
Symbol
Min.
Typ.
Max. Units
Operating Temp.
Maximum Coil
Current
AC Voltage on Coil
Supply Frequency
Top
ICOIL
Vcoil
fcoil
-40
3
100
14*
+85
10
150
°C
mA
Vpp
kHz
*) The AC Voltage on Coil is limited by the on chip voltage
limitation circuitry. This is according to the parameter Icoil in
the absolute maximum ratings.
Handling Procedures
This device has built-in protection against high static
voltages or electric fields; however due to the unique
properties of this device, anti-static precautions should be
taken as for any other CMOS component.
System Principle
Antenna
Driver
Oscillator
Demodulator
Filter
and
Gain
Data decoder
Data received
from transponder
Tranceiver
Transponder
Coil1
Coil2
EM4100
Signal on coils
Transponder coil
Transeiver coil
RF Carrier
Data
Fig. 3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com