Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1330 Datasheet(PDF) 1 Page - API Delevan

Part # P1330
Description  Surface Mount Power Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

P1330 Datasheet(HTML) 1 Page - API Delevan

  P1330 Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2/ 2002
PAGE
65
www.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
Series P1330
Surface Mount Power Inductors
1526
1400
1291
1180
1104
936
840
732
720
612
600
600
564
516
432
420
348
324
270
270
246
216
174
150
132
111
106
89
72
60
57
48
41
35
30
26
22
2780
2690
2030
1950
1690
1550
1460
1390
1330
1110
1080
1020
946
912
858
817
694
657
568
488
467
442
384
362
347
327
272
261
223
191
179
171
161
138
130
113
105
0.035
0.041
0.043
0.048
0.075
0.080
0.108
0.118
0.125
0.145
0.165
0.180
0.216
0.252
0.288
0.328
0.384
0.425
0.538
0.600
0.792
0.900
1.020
1.380
1.680
1.800
2.040
2.400
2.648
4.320
4.800
5.640
6.000
6.960
8.760
9.960
11.160
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
Physical Parameters
Inches
Millimeters
A
0.300 to 0.325
7.62 to 8.26
B
0.105 to 0.125
2.67 to 3.18
C
0.125 to 0.145
3.18 to 3.68
D
0.020 Min.
0.508 Min
E
0.040 to 0.060
1.02 to 1.52
F
0.190 (Ref. only)
4.83 (Ref. only)
G
0.070 (Ref. only)
1.78 (Ref. only)
Weight Max (Grams) 0.30
Operating Temperature Range –55°C to +125°C
Current Rating at 90°C Ambient 35°C Rise
Maximum Power Dissipation at 90°C 0.210 W
Inductance Measured at 1V with no DC current
Incremental Current The current at which the
inductance will be decreased by a maximum of 5%
from its initial zero DC value.
Packaging Tape & reel (16mm): 7" reel, 500 pieces
max.; 13" reel, 2200 pieces max.
Made In the U.S.A. Patent Protected
SERIES P1330 FERRITE CORE
P1330-102K
P1330-122K
P1330-152K
P1330-182K
P1330-222K
P1330-272K
P1330-332K
P1330-392K
P1330-472K
P1330-562K
P1330-682K
P1330-822K
P1330-103K
P1330-123K
P1330-153K
P1330-183K
P1330-223K
P1330-273K
P1330-333K
P1330-393K
P1330-473K
P1330-563K
P1330-683K
P1330-823K
P1330-104K
P1330-124K
P1330-154K
P1330-184K
P1330-224K
P1330-274K
P1330-334K
P1330-394K
P1330-474K
P1330-564K
P1330-684K
P1330-824K
P1330-105K
OPTIONAL TOLERANCES: J=5% H=3% G=2%


Similar Part No. - P1330

ManufacturerPart #DatasheetDescription
logo
API Delevan
P1330-102K API-P1330-102K Datasheet
1Mb / 1P
Surface Mount Power Inductors
P1330-103K API-P1330-103K Datasheet
1Mb / 1P
Surface Mount Power Inductors
P1330-104K API-P1330-104K Datasheet
1Mb / 1P
Surface Mount Power Inductors
P1330-105K API-P1330-105K Datasheet
1Mb / 1P
Surface Mount Power Inductors
P1330-122K API-P1330-122K Datasheet
1Mb / 1P
Surface Mount Power Inductors
More results

Similar Description - P1330

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0804T-1R0M ABRACON-ASPI-0804T-1R0M Datasheet
182Kb / 1P
SURFACE-MOUNT POWER INDUCTORS
logo
ice Components, Ins.
GS43-1R0 ICE-GS43-1R0 Datasheet
783Kb / 3P
Surface Mount Power Inductors
LO3316 ICE-LO3316 Datasheet
408Kb / 1P
Surface Mount Power Inductors
LS125 ICE-LS125 Datasheet
567Kb / 1P
Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0_08 Datasheet
136Kb / 3P
Surface Mount Power Inductors
LO1608 ICE-LO1608_08 Datasheet
174Kb / 1P
Surface Mount Power Inductors
LS74 ICE-LS74_08 Datasheet
218Kb / 1P
Surface Mount Power Inductors
LS1608 ICE-LS1608_08 Datasheet
174Kb / 1P
Surface Mount Power Inductors
logo
TT Electronics.
HM62-2610 TTELEC-HM62-2610 Datasheet
1Mb / 8P
Surface Mount Power Inductors
logo
RENCO ELECTRONICS, INC.
RL-6280 RENCO-RL-6280 Datasheet
410Kb / 6P
SURFACE MOUNT POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com