Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1812 Datasheet(PDF) 1 Page - API Delevan

Part # P1812
Description  Surface Mount Power Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

P1812 Datasheet(HTML) 1 Page - API Delevan

  P1812 Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2/ 2002
PAGE
64
www.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
Series P1812
Surface Mount Power Inductors
Physical Parameters
Inches
Millimeters
A
0.166 to 0.190
4.22 to 4.83
B
0.118 to 0.134
3.00 to 3.40
C
0.118 to 0.134
3.00 to 3.40
D
0.015 Min.
0.38 Min.
E
0.054 to 0.078
1.37 to 1.98
F
0.118 (Ref. only)
3.00 (Ref. only)
G
0.066 (Ref. only)
1.68 (Ref. only)
Dimensions “A” and “C” are over terminals
Operating Temperature Range –55°C to +125°C
Current Rating at 90°C Ambient 35°C Rise
Maximum Power Dissipation at 90°C 0.278 W
Inductance Measured at 1V with no DC current
Incremental Current The current at which the
inductance will be decreased by a maximum of 5%
from its initial zero DC value.
Packaging Tape & reel (16mm): 7" reel, 500 pieces
max.; 13" reel, 2200 pieces max.
Made In the U.S.A. Patent Protected
2400
2158
1980
1828
1697
1513
1397
1250
1131
1060
990
871
772
752
693
614
515
465
425
376
366
336
297
267
238
208
183
158
143
129
118
1050
1000
950
900
850
800
750
700
650
650
600
600
550
550
450
400
370
330
300
280
260
240
220
200
180
160
140
120
120
100
90
0.113
0.199
0.222
0.240
0.268
0.288
0.323
0.347
0.401
0.437
0.472
0.548
0.608
0.670
0.780
0.875
1.200
1.404
1.578
1.848
2.064
2.268
3.408
3.648
4.320
6.000
6.432
8.400
9.680
12.720
15.240
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
SERIES P1812
P1812-102K
P1812-122K
P1812-152K
P1812-182K
P1812-222K
P1812-272K
P1812-332K
P1812-392K
P1812-472K
P1812-562K
P1812-682K
P1812-822K
P1812-103K
P1812-123K
P1812-153K
P1812-183K
P1812-223K
P1812-273K
P1812-333K
P1812-393K
P1812-473K
P1812-563K
P1812-683K
P1812-823K
P1812-104K
P1812-124K
P1812-154K
P1812-184K
P1812-224K
P1812-274K
P1812-334K
OPTIONAL TOLERANCES: J=5% H=3% G=2%


Similar Part No. - P1812

ManufacturerPart #DatasheetDescription
logo
API Delevan
P1812-102K API-P1812-102K Datasheet
1Mb / 1P
Surface Mount Power Inductors
P1812-103K API-P1812-103K Datasheet
1Mb / 1P
Surface Mount Power Inductors
P1812-104K API-P1812-104K Datasheet
1Mb / 1P
Surface Mount Power Inductors
P1812-122K API-P1812-122K Datasheet
1Mb / 1P
Surface Mount Power Inductors
P1812-123K API-P1812-123K Datasheet
1Mb / 1P
Surface Mount Power Inductors
More results

Similar Description - P1812

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0804T-1R0M ABRACON-ASPI-0804T-1R0M Datasheet
182Kb / 1P
SURFACE-MOUNT POWER INDUCTORS
logo
ice Components, Ins.
GS43-1R0 ICE-GS43-1R0 Datasheet
783Kb / 3P
Surface Mount Power Inductors
LO3316 ICE-LO3316 Datasheet
408Kb / 1P
Surface Mount Power Inductors
LS125 ICE-LS125 Datasheet
567Kb / 1P
Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0_08 Datasheet
136Kb / 3P
Surface Mount Power Inductors
LO1608 ICE-LO1608_08 Datasheet
174Kb / 1P
Surface Mount Power Inductors
LS74 ICE-LS74_08 Datasheet
218Kb / 1P
Surface Mount Power Inductors
LS1608 ICE-LS1608_08 Datasheet
174Kb / 1P
Surface Mount Power Inductors
logo
TT Electronics.
HM62-2610 TTELEC-HM62-2610 Datasheet
1Mb / 8P
Surface Mount Power Inductors
logo
RENCO ELECTRONICS, INC.
RL-6280 RENCO-RL-6280 Datasheet
410Kb / 6P
SURFACE MOUNT POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com