Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F652A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74F652A
Description  Transceivers/registers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F652A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74F652A Datasheet HTML 3Page - NXP Semiconductors 74F652A Datasheet HTML 4Page - NXP Semiconductors 74F652A Datasheet HTML 5Page - NXP Semiconductors 74F652A Datasheet HTML 6Page - NXP Semiconductors 74F652A Datasheet HTML 7Page - NXP Semiconductors 74F652A Datasheet HTML 8Page - NXP Semiconductors 74F652A Datasheet HTML 9Page - NXP Semiconductors 74F652A Datasheet HTML 10Page - NXP Semiconductors 74F652A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Philips Semiconductors
Product specification
74F651A/74F652A
Transceivers/registers
1999 Jun 23
7
DC ELECTRICAL CHARACTERISTICS
Over recommended operating free-air temperature range unless otherwise noted.
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS1
MIN
TYP2
MAX
UNIT
VCC = MIN,
IO = 3mA
±10%VCC
2.4
V
VOH
High-level output voltage
VCC = MIN,
VIL = MAX,
V
MIN
IOH = –3mA
±5%VCC
2.7
3.3
V
VIH = MIN
IOH = –15mA ±10%VCC
2.0
V
VO
Low level output voltage
VCC = MIN,
VIL = MAX
IO = MAX
±10%VCC
0.55
V
VOL
Low-level output voltage
VIL = MAX,
VIH = MIN
IOL = MAX
±5%VCC
0.42
0.55
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.2
V
I
Input current at maximum input
others
VCC = 0.0V, VI = 7.0V
100
µA
II
voltage
A0–A7, B0–B7
VCC = 5.5V, VI = 5.5V
1
mA
IIH
High-level input current
OEAB, OEBA,
CPAB, CPBA,
SAB, SBA
VCC = MAX, VI = 2.7V
20
µA
IIL
Low-level input current
OEAB, OEBA,
CPAB, CPBA,
SAB, SBA
VCC = MAX, VI = 0.5V
–20
µA
IOZH + IIH
Off-state output current,
high-level voltage applied
A0–A7, B0–B7
VCC = MAX, VO = 2.7V
70
µA
IOZL + IIL
Off–state output current,
low–level voltage applied
A0–A7, B0–B7
VCC = MAX, VO = 0.5V
–70
µA
IO
Output current3
VCC = MAX, V0 = 2.25V
–60
–160
mA
ICCH
VCC = MAX
105
145
mA
ICC
Supply current (total)
ICCL
VCC = MAX
115
165
mA
ICCZ
VCC = MAX
115
160
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. IO is tested under conditions that produce current approximately one half of the true short–circuit output current (IOS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com