Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1008 Datasheet(PDF) 1 Page - API Delevan

Part # S1008
Description  Shielded Surface Mount Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

S1008 Datasheet(HTML) 1 Page - API Delevan

  S1008 Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2/ 2002
PAGE
16
www.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
Series S1008
Shielded Surface Mount Inductors
Physical Parameters
Inches
Millimeters
A
0.095 to 0.115
2.41 to 2.92
B
0.085 to 0.105
2.16 to 2.66
C
0.075 to 0.095
1.91 to 2.41
D
0.010 to 0.030
0.26 to 0.76
E
0.040 to 0.060
1.02 to 1.52
F
0.060 (Ref. only)
1.52 (Ref. only)
G
0.045 (Ref. only)
1.14 (Ref. only)
Dimensions “A” and “C” are over terminals.
Weight Max. (Grams) 0.1
Operating Temperature Range –55°C to +125°C
Current Rating at 90°C Ambient 35°C Rise
Maximum Power Dissipation at 90°C 0.157 W
Packaging Tape & reel (8mm): 7" reel, 2000 pieces
max.; 13" reel, 7000 pieces max.
Made In the U.S.A. Patent Protected
1120
1060
1015
970
930
900
865
840
815
790
770
750
735
715
685
670
625
545
435
375
365
355
335
305
295
250
240
230
220
210
200
170
160
125
120
110
0.09
0.10
0.11
0.12
0.13
0.14
0.15
0.16
0.17
0.18
0.19
0.20
0.21
0.22
0.24
0.25
0.29
0.42
0.60
0.80
0.85
0.90
1.00
1.20
1.30
1.80
1.90
2.10
3.50
4.00
5.00
6.00
7.00
7.40
8.00
9.00
383
368
353
338
323
308
293
278
255
232
200
186
163
140
130
120
95
72
66
60
55
50
45
42
40
38
32
29
28
25
21
18
15
12
10
8
25
25
25
25
25
25
25
25
25
25
25
25
25
25
25
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.62
0.68
0.75
0.82
0.91
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
SERIES S1008 FERRITE CORE
S1008-101K
S1008-121K
S1008-151K
S1008-181K
S1008-221K
S1008-271K
S1008-331K
S1008-391K
S1008-471K
S1008-561K
S1008-621K
S1008-681K
S1008-751K
S1008-821K
S1008-911K
S1008-102K
S1008-122K
S1008-152K
S1008-182K
S1008-222K
S1008-272K
S1008-332K
S1008-392K
S1008-472K
S1008-562K
S1008-682K
S1008-822K
S1008-103K
S1008-123K
S1008-153K
S1008-183K
S1008-223K
S1008-273K
S1008-333K
S1008-393K
S1008-473K
Optional Tolerances:
J = 5%
H = 3%
G = 2%
F = 1%


Similar Part No. - S1008

ManufacturerPart #DatasheetDescription
logo
API Delevan
S1008-101K API-S1008-101K Datasheet
1Mb / 1P
Shielded Surface Mount Inductors
S1008-102K API-S1008-102K Datasheet
1Mb / 1P
Shielded Surface Mount Inductors
S1008-103K API-S1008-103K Datasheet
1Mb / 1P
Shielded Surface Mount Inductors
S1008-121K API-S1008-121K Datasheet
1Mb / 1P
Shielded Surface Mount Inductors
S1008-122K API-S1008-122K Datasheet
1Mb / 1P
Shielded Surface Mount Inductors
More results

Similar Description - S1008

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPD127 ETC1-SPD127 Datasheet
24Kb / 1P
Shielded Surface Mount Inductors
SPD62 ETC1-SPD62 Datasheet
23Kb / 1P
Shielded Surface Mount Inductors
logo
API Delevan
S1210 API-S1210 Datasheet
33Kb / 1P
Shielded Surface Mount Inductors
logo
Bi technologies
HM78 BITECH-HM78 Datasheet
845Kb / 3P
Shielded Surface Mount Inductors
logo
Murata Manufacturing Co...
KMP_2900 MURATA-KMP_2900 Datasheet
154Kb / 3P
Shielded Surface Mount Inductors
logo
API Delevan
M1331-101K API-M1331-101K Datasheet
414Kb / 1P
Shielded Surface Mount Inductors
SPD125R API-SPD125R Datasheet
1Mb / 1P
Shielded Surface Mount Inductors
1331R-681J API-1331R-681J Datasheet
1Mb / 1P
Shielded Surface Mount Inductors
logo
Bi technologies
HM78D BITECH-HM78D Datasheet
614Kb / 4P
Shielded Surface Mount Inductors
logo
TT Electronics.
HM78D TTELEC-HM78D Datasheet
704Kb / 2P
Shielded Surface Mount Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com