Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S4924 Datasheet(PDF) 1 Page - API Delevan

Part # S4924
Description  Shielded Surface Mount Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

S4924 Datasheet(HTML) 1 Page - API Delevan

  S4924 Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2/ 2002
PAGE
31
www.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
Series S4924
Shielded Surface Mount Inductors
3900
3345
3195
2835
2385
1855
1705
1450
1235
1075
915
800
2320
1920
1780
1650
1420
1160
1045
970
830
725
610
535
485
440
300
250
210
195
160
150
135
124
122
120
113
98
84
76
67
60
55
46
43
40
38
33
29
28
27
24
22
20
19
17
15
14
13
12
11
9
8
7
7
7
3900
3345
3195
2835
2385
1855
1705
1450
1235
1075
915
800
2320
1920
1780
1650
1420
1160
1045
970
830
725
610
535
485
440
618
580
561
504
471
397
380
369
355
342
312
291
272
263
247
228
218
203
178
171
160
152
134
120
115
110
104
88
85
72
68
61
59
57
54
50
48
46
37
35
0.025
0.034
0.037
0.047
0.067
0.11
0.13
0.18
0.25
0.33
0.45
0.59
0.07
0.10
0.12
0.14
0.19
0.28
0.35
0.40
0.55
0.72
1.02
1.32
1.62
2.0
0.8
0.89
0.96
1.19
1.37
1.93
2.11
2.23
2.70
2.44
3.12
3.6
4.1
4.4
5.0
5.8
6.4
7.4
9.5
10.5
11.8
13.0
17.5
22.1
26.5
29.9
33.8
47.3
53.0
73.8
81.6
98.9
111.0
119.0
137.0
143.0
157.0
225.0
274.0
308.0
450
425
400
350
325
300
275
250
235
210
190
180
140
130
115
105
100
92
85
75
70
65
55
50
46
44
49
45
41
38
34
29
27
25
21
10.5
10.0
9.7
8.5
8.0
7.5
7.0
6.5
6.2
5.7
4.7
4.5
4.2
3.8
3.0
2.8
2.6
2.4
2.2
2.0
1.9
1.7
1.6
1.4
1.2
1.0
0.80
0.60
0.55
0.50
0.40
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.079
0.079
0.079
0.079
0.079
50
50
50
50
49
47
46
44
44
43
42
40
44
44
44
44
44
44
44
44
44
44
50
50
50
55
45
45
45
45
45
50
50
50
50
50
50
55
55
55
55
55
55
60
60
60
60
60
60
50
50
50
50
50
50
50
50
50
50
50
50
30
30
30
27
27
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.00
1.20
1.50
1.80
2.20
2.70
3.30
3.90
4.70
5.60
6.80
8.20
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
120.0
150.0
180.0
220.0
270.0
330.0
390.0
470.0
560.0
680.0
820.0
1000.0
1200.0
1500.0
1800.0
2200.0
2700.0
3300.0
3900.0
4700.0
5600.0
6800.0
8200.0
10000.0
12000.0
15000.0
18000.0
22000.0
27000.0
Physical Parameters
Inches
Millimeters
A
0.490 to 0.520
12.44 to 13.21
B
0.230 to 0.250
5.84 to 6.35
C
0.210 to 0.230
5.33 to 5.84
D
0.050 Min.
1.27 Min.
E
0.055 to 0.095
1.397 to 2.413
F
0.330 (Ref. only)
8.38 (Ref. only)
G
0.120 (Ref. only)
3.04 (Ref. only)
Mechanical Configuration
Units are encapsulated in an epoxy molded
surface mount package
Operating Temperature Range
–55°C to +125°C
Current Rating at 90°C Ambient 35°C Rise
Maximum Power Dissipation at 90°C 0.385 W
Incremental Current Current which causes a max.
of 5% change in Inductance
Dielectric Withstanding Voltage 1000V RMS Min.
Inductance Tolerance Tolerance is specified by
suffixing an alpha character to the part number as
follows: H = 3% and J = 5%. Units are nomally
supplied to the tolerance indicated in table.
Coupling 3% Max.
Packaging Tape & reel (24mm): 13" reel, 800 pieces
max.; 7" reel not available
Made In the U.S.A.
SERIES S4924 PHENOLIC CORE - IRON SLEEVE
S4924-101K
S4924-121K
S4924-151K
S4924-181K
S4924-221K
S4924-271K
S4924-331K
S4924-391K
S4924-471K
S4924-561K
S4924-681K
S4924-821K
SERIES S4924 IRON CORE - IRON SLEEVE
S4924-102K
S4924-122K
S4924-152K
S4924-182K
S4924-222K
S4924-272K
S4924-332K
S4924-392K
S4924-472K
S4924-562K
S4924-682K
S4924-822K
S4924-103K
S4924-123K
SERIES S4924 FERRITE CORE - FERRITE SLEEVE
S4924-153K
S4924-183K
S4924-223K
S4924-273K
S4924-333K
S4924-393K
S4924-473K
S4924-563K
S4924-683K
S4924-823K
S4924-104K
S4924-124K
S4924-154K
S4924-184K
S4924-224K
S4924-274K
S4924-334K
S4924-394K
S4924-474K
S4924-564K
S4924-684K
S4924-824K
S4924-105K
S4924-125K
S4924-155K
S4924-185K
S4924-225K
S4924-275K
S4924-335K
S4924-395K
S4924-475K
S4924-565K
S4924-685K
S4924-825K
S4924-106K
S4924-126K
S4924-156K
S4924-186K
S4924-226K
S4924-276K
Optional Tolerances: J = 5%
H = 3%


Similar Part No. - S4924

ManufacturerPart #DatasheetDescription
logo
API Delevan
S4924-101K API-S4924-101K Datasheet
1Mb / 1P
Shielded Surface Mount Inductors
S4924-102K API-S4924-102K Datasheet
1Mb / 1P
Shielded Surface Mount Inductors
S4924-103K API-S4924-103K Datasheet
1Mb / 1P
Shielded Surface Mount Inductors
S4924-104K API-S4924-104K Datasheet
1Mb / 1P
Shielded Surface Mount Inductors
S4924-105K API-S4924-105K Datasheet
1Mb / 1P
Shielded Surface Mount Inductors
More results

Similar Description - S4924

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPD127 ETC1-SPD127 Datasheet
24Kb / 1P
Shielded Surface Mount Inductors
SPD62 ETC1-SPD62 Datasheet
23Kb / 1P
Shielded Surface Mount Inductors
logo
API Delevan
S1008 API-S1008 Datasheet
28Kb / 1P
Shielded Surface Mount Inductors
S1210 API-S1210 Datasheet
33Kb / 1P
Shielded Surface Mount Inductors
logo
Bi technologies
HM78 BITECH-HM78 Datasheet
845Kb / 3P
Shielded Surface Mount Inductors
logo
Murata Manufacturing Co...
KMP_2900 MURATA-KMP_2900 Datasheet
154Kb / 3P
Shielded Surface Mount Inductors
logo
API Delevan
SPD125R API-SPD125R Datasheet
1Mb / 1P
Shielded Surface Mount Inductors
1331R-681J API-1331R-681J Datasheet
1Mb / 1P
Shielded Surface Mount Inductors
logo
Bi technologies
HM78D BITECH-HM78D Datasheet
614Kb / 4P
Shielded Surface Mount Inductors
logo
TT Electronics.
HM78D TTELEC-HM78D Datasheet
704Kb / 2P
Shielded Surface Mount Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com