Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GIPTDF1 Datasheet(PDF) 1 Page - Belden Inc.

Part # GIPTDF1
Description  Indoor tight buffered patchcord LSZH jacket 3.0mm simplex MM OM3.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

GIPTDF1 Datasheet(HTML) 1 Page - Belden Inc.

  GIPTDF1 Datasheet HTML 1Page - Belden Inc. GIPTDF1 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: GIPTDF1
Indoor tight buffered patchcord LSZH jacket 3.0mm simplex MM OM3.
Product Description
Indoor tight buffered patchcord with Low Smoke Zero Halogen outer jacket. 3.0mm simplex MM OM3.
Technical Specifications
Product Overview
Construction Type:
Interconnect
Environmental Space:
Indoor (Not Riser or Plenum)
Suitable Applications:
Flexible terminating leads such as pigtails, patchcords and test leads. Support all computer network applications such as FDDI, Gigabit Ethernet and ATM.
Short distance applications for indoor use.
Construction
Fiber Cable Construction
Fiber Type Fiber Count
OM3
1
Fiber Color Coding:
TIA coding (Gxxxxxx.T): Blue
Buffer Specification
Fiber Type Buffer Construction
Buffer Material
Buffer Diameter
OM3
Tight
LSZH - Low Smoke Zero Halogen (Flame Retardant) 0.9 mm
Cable Core Water Tight:
Yes
Bulk Cable Weight:
9.1 kg/km
SubUnit Specifications
Fibers Per Subunit:
1
Jacket Specifications
Number of Jackets:
Single Jacket
Type of Armor:
Non-Armored
Outer Jacket Specifications
Outer Jacket
Material
Nominal Diameter Ripcord
LSZH - Low Smoke Zero Halogen (Flame Retardant) 3.0 mm
No
Table Notes:
Standard color: Orange. Available colors: Orange, Yellow, Turquoise, Erika Violet, Red, Blue, Green, Brown, Violet, Pink, Grey, White, Black, Lime Green
Optical Characteristics
Max. Attenuation at 1300 nm:
0.9 dB/km
Max. Attenuation at 850 nm:
2.9 dB/km
Mechanical Characteristics
Mechanical Tests
Description
Tested Standard
Requirement/Value According to Family Specification


Similar Part No. - GIPTDF1

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GIPTDF2 BELDEN-GIPTDF2 Datasheet
166Kb / 2P
Indoor tight buffered patchcord LSZH jacket 3.0mm DX Zip MM OM3.
01-20-2023
GIPTDFH BELDEN-GIPTDFH Datasheet
140Kb / 2P
Indoor tight buffered patchcord LSZH jacket 3.0mm heavy DX MM OM3.
01-20-2023
GIPTDFR BELDEN-GIPTDFR Datasheet
139Kb / 2P
Indoor tight buffered patchcord LSZH jacket 3.0mm round DX MM OM3.
01-20-2023
More results

Similar Description - GIPTDF1

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GIPT1F1 BELDEN-GIPT1F1 Datasheet
140Kb / 2P
Indoor tight buffered patchcord LSZH jacket 3.0mm simplex MM OM1.
01-20-2023
GIPT2F1 BELDEN-GIPT2F1 Datasheet
140Kb / 2P
Indoor tight buffered patchcord LSZH jacket 3.0mm simplex MM OM2.
01-20-2023
GIPTDA1 BELDEN-GIPTDA1 Datasheet
141Kb / 2P
Indoor tight buffered patchcord LSZH jacket 1.6mm simplex MM OM3. CPR Eca.
01-20-2023
GIPTDB1 BELDEN-GIPTDB1 Datasheet
140Kb / 2P
Indoor tight buffered patchcord LSZH jacket 1.8mm simplex MM OM3.
01-20-2023
GIPTDC1 BELDEN-GIPTDC1 Datasheet
141Kb / 2P
Indoor tight buffered patchcord LSZH jacket 2.0mm simplex MM OM3.
01-20-2023
GIPTDD1 BELDEN-GIPTDD1 Datasheet
140Kb / 2P
Indoor tight buffered patchcord LSZH jacket 2.4mm simplex MM OM3.
01-20-2023
GIPTDF2 BELDEN-GIPTDF2 Datasheet
166Kb / 2P
Indoor tight buffered patchcord LSZH jacket 3.0mm DX Zip MM OM3.
01-20-2023
GIPTDFH BELDEN-GIPTDFH Datasheet
140Kb / 2P
Indoor tight buffered patchcord LSZH jacket 3.0mm heavy DX MM OM3.
01-20-2023
GIPTDFR BELDEN-GIPTDFR Datasheet
139Kb / 2P
Indoor tight buffered patchcord LSZH jacket 3.0mm round DX MM OM3.
01-20-2023
GIPTDH1 BELDEN-GIPTDH1 Datasheet
140Kb / 2P
Indoor tight buffered patchcord LSZH jacket 2.1mm simplex MM OM3.
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com