Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMD2920 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SMD2920
Description  Surface Mount PTC Devices
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SMD2920 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  SMD2920 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMD2920 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMD2920 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMD2920 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMD2920 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMD2920 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMD2920 Datasheet HTML 7Page - List of Unclassifed Manufacturers SMD2920 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
113
SMD2920 Surface Mount PTC Devices
R.O.C. Patent#415624
PART NUMBERING SYSTEM
SMD 2920 P □□□ TS
Solder Plated Termination
Multilayer Thickness Version
Current Rating
Polytronics Symbol
Device Dimensions: Length/Width(Unit: 1/100 inch)
Surface Mount Device
CROSS REFERENCE
Cross Reference
Polytronics/ EVERFUSE
TM
Raychem/ PolySwitch®
Bourns/ Multifuse®
SMD2920P030TS
SMD2920P050TS
SMD2920P075TS
SMD2920P100TS
SMD2920P125TS
SMD2920P150TS
SMD2920P185TS
SMD2920P200TS
SMD2920P200TS/24
SMD2920P250TS
SMD2920P260TS
SMD2920P300TS
SMD2920P300TS/15
SMD030
SMD050
SMD075
SMD100/33
SMD125
SMD150/33 (3425)
SMD185 (3425)
SMD200 (3425)
N/A
SMD250 (3425)
SMD260
SMD300
N/A
MF-SM030
MF-SM050(30Vdc)
MF-SM075
MF-SM100(30Vdc)
MF-SM125
MF-SM150(15Vdc)
N/A
MF-SM200 (3425)
N/A
MF-SM250 (3425)
MF-SM260
N/A
N/A
“EVERFUSE” is a registered trademark of Polytronics Technology Corp.
“Multifuse” is a registered trademark of Bourns , Inc.
“PolySwitch” is a registered trademark of Raychem Corporation.
◎Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com