Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN430 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXDN430
Description  30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN430 Datasheet(HTML) 4 Page - IXYS Corporation

  IXDN430 Datasheet HTML 1Page - IXYS Corporation IXDN430 Datasheet HTML 2Page - IXYS Corporation IXDN430 Datasheet HTML 3Page - IXYS Corporation IXDN430 Datasheet HTML 4Page - IXYS Corporation IXDN430 Datasheet HTML 5Page - IXYS Corporation IXDN430 Datasheet HTML 6Page - IXYS Corporation IXDN430 Datasheet HTML 7Page - IXYS Corporation IXDN430 Datasheet HTML 8Page - IXYS Corporation IXDN430 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
IXDN430 / IXDI430 / IXDD430 / IXDS430
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
VIH
High input voltage
4.5V
≤ VCC ≤ 18V
3.2
V
VIL
Low input voltage
4.5V
≤ VCC ≤ 18V
1.1
V
VIN
Input voltage range
-5
VCC + 0.3
V
ROH
Output resistance
@ Output high
VCC = 18V
0.46
Ω
ROL
Output resistance
@ Output Low
VCC = 18V
0.4
Ω
tR
Rise time
CL=5600pF Vcc=18V
20
ns
tF
Fall time
CL=5600pF Vcc=18V
18
ns
tONDLY
On-time propagation
delay
CL=5600pF Vcc=18V
58
ns
tOFFDLY
Off-time propagation
delay
CL=5600pF Vcc=18V
51
ns
VCC
Power supply voltage
8.5
18
35
V
Electrical Characteristics
Unless otherwise noted, temperature over -55 oC to +125 oC, 4.5
≤ V
CC ≤ 35V .
All voltage measurements with respect to GND. IXDD430 configured as described in Test Conditions.
NOTE: Mounting tabs, solder tabs, or heat sink metalization on all packages are connected to ground.
5-lead TO-220 Outline (IXD_430CI)
28-pin SOIC Outline (IXD_430SI)
5-lead TO-263 Outline (IXD_430YI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com