Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6905CS5-80 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC6905CS5-80
Description  Fixed Frequency SOT-23 Oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6905CS5-80 Datasheet(HTML) 4 Page - Linear Technology

  LTC6905CS5-80 Datasheet HTML 1Page - Linear Technology LTC6905CS5-80 Datasheet HTML 2Page - Linear Technology LTC6905CS5-80 Datasheet HTML 3Page - Linear Technology LTC6905CS5-80 Datasheet HTML 4Page - Linear Technology LTC6905CS5-80 Datasheet HTML 5Page - Linear Technology LTC6905CS5-80 Datasheet HTML 6Page - Linear Technology LTC6905CS5-80 Datasheet HTML 7Page - Linear Technology LTC6905CS5-80 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LTC6905-XXX Series
4
6905xf
LTC6905-80 Output Operating at
20MHz, VS = 3V
LTC6905-133 Output Operating at
133MHz, VS = 3V
ROUT vs V+
Jitter vs Frequency
SUPPLY VOLTAGE (V)
2.5
0
5
15
20
25
4.5
45
6905x G04
10
3.5
3
5
4
5.5
30
35
40
FREQUENCY (MHz)
0
0
0.20
0.60
÷4
÷2
÷1
0.80
1.00
40
80 100
180
6905x G05
0.40
20
60
120 140 160
1.20
TYPICAL PERFOR A CE CHARACTERISTICS
Frequency vs Temperature
TEMPERATURE (°C)
–40
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
0
40
60
6905x G08
–0.6
0.6
0.8
0.2
–20
20
80
100 120
Supply Current vs Frequency
FREQUENCY (MHz)
0
10
12
14
200
6905x G01
8
÷4
÷4
÷1
÷1
6
0
2
50
100
150
4
18
16
5.5V
2.7V
÷2
÷2
Frequency Error vs Supply Voltage
SUPPLY VOLTAGE (V)
2.5
–0.50
O
0.50
1.00
1.50
2.50
3
3.5
4
4.5
6905x G09
5
5.5
2.00
LTC6905-133
LTC6905-100
LTC6905-96
LTC6905-80
0.75V/DIV
10ns/DIV
6905x G06
0.75V/DIV
2.5ns/DIV
6905x G07



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com