Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3NK80Z Datasheet(PDF) 2 Page - STMicroelectronics

Part # P3NK80Z
Description  N-channel 800 V, 3.8 Ω typ., 2.5 A SuperMESH™ Power MOSFETs in IPAK, DPAK, TO-220FP, TO-220 packages
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P3NK80Z Datasheet(HTML) 2 Page - STMicroelectronics

  P3NK80Z Datasheet HTML 1Page - STMicroelectronics P3NK80Z Datasheet HTML 2Page - STMicroelectronics P3NK80Z Datasheet HTML 3Page - STMicroelectronics P3NK80Z Datasheet HTML 4Page - STMicroelectronics P3NK80Z Datasheet HTML 5Page - STMicroelectronics P3NK80Z Datasheet HTML 6Page - STMicroelectronics P3NK80Z Datasheet HTML 7Page - STMicroelectronics P3NK80Z Datasheet HTML 8Page - STMicroelectronics P3NK80Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Contents
STD3NK80Z-1, STD3NK80ZT4, STF3NK80Z,
STP3NK80Z
2/29
DocID9565 Rev 7
Contents
1
Electrical ratings ............................................................................. 3
2
Electrical characteristics ................................................................ 4
2.1
Electrical characteristics (curves)...................................................... 6
3
Test circuits ..................................................................................... 9
4
Package information ..................................................................... 10
4.1
IPAK (TO-251) type A package information .................................... 10
4.2
DPAK package information ............................................................. 12
4.2.1
DPAK (TO-252) type A package information ................................... 12
4.2.2
DPAK (TO-252) type C2 package information ................................. 15
4.2.3
DPAK (TO-252) type E package information ................................... 18
4.2.4
DPAK (TO-252) packing information................................................ 20
4.3
TO-220FP package information ...................................................... 22
4.4
TO-220 package information........................................................... 24
4.4.1
TO-220 type A package information................................................. 24
4.4.2
TO-220 type H package information ................................................ 26
5
Revision history ............................................................................ 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com