Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSCM1460-R56M Datasheet(PDF) 1 Page - Shenzhen Codaca Electronic Co.,Ltd

Part # CSCM1460-R56M
Description  High Current Power Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd

CSCM1460-R56M Datasheet(HTML) 1 Page - Shenzhen Codaca Electronic Co.,Ltd

  CSCM1460-R56M Datasheet HTML 1Page - Shenzhen Codaca Electronic Co.,Ltd CSCM1460-R56M Datasheet HTML 2Page - Shenzhen Codaca Electronic Co.,Ltd CSCM1460-R56M Datasheet HTML 3Page - Shenzhen Codaca Electronic Co.,Ltd CSCM1460-R56M Datasheet HTML 4Page - Shenzhen Codaca Electronic Co.,Ltd CSCM1460-R56M Datasheet HTML 5Page - Shenzhen Codaca Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1 / 5
CODACA ELECTRONIC CO., LTD
TEL
: +86 755 89585372
FAX
: +86 755 89585280
http://www.codaca.com
E-mail: info@codaca.com
High Current Power Inductor
CSCM1460 Series
This product is not authorized for use in any application related to safety.
Specification subject to change without notice. Please check web site for latest information.
Revised: 07/14/2020
Outline
:
▪ Magnetic shielding structure, excellent resistance
to electro magnetic interference.
▪ Assemblage design, sturdy structure.
▪ Small volume, high current, low magnetic loss,
low ESR, small parasitic capacitance.
Features:
▪ Core material: Ferrite
▪ Core and winding loss:
See https://www.codaca.com/DesignTool_Power-Inductor-Loss-Com
parison.html
▪ Environmental: RoHS, Reach compliant ,Halogen free
▪ Weight:3.89g
▪ Moisture Sensitivity:Level (MSL) 1
(unlimited floor life at <30°C / 85% relative humidity).
▪ Operating temperature range: -40℃~+125℃
(including coil
’s self temperature rise)
▪ Storage temperature range: -40℃~+125℃
Application:
▪ Rraphic cards/ industrial conputers.
▪ DC /DC converters/Motherboards/Filter
▪ High current switching regulators/Polyphase-switching regulators
1 Electrical Characteristics
2 Product Dimensions (mm)
Part No.
Inductance
(
μH)※1
D.C.R. (m
Ω)
Isat
(A)
※2
Irms
(A)
※3
14.8±0.4
14.5±0.4
9.0
2-2.6
2.0
10.0
6.0 Max
2.5
1
2
3
N/C
3.5
4.0
4.0
9.0
3.8
6.5
6.5
15.2
14.9
±20%
Typical
Max.
Typical
Typical
CSCM1460-R56M
0.56
1.40
1.68
46.0
23.0
CSCM1460-R68M
0.68
1.40
1.68
40.0
23.0
CSCM1460-1R2M
1.20
2.50
3.00
35.0
19.5
CSCM1460-1R5M
1.50
2.50
3.00
27.5
19.5
CSCM1460-2R2M
2.20
3.80
4.56
24.5
15.0
CSCM1460-2R7M
2.70
3.80
4.56
20.5
15.0
CSCM1460-3R5M
3.50
5.67
6.80
18.7
12.0
CSCM1460-4R2M
4.20
5.67
6.80
17.0
12.0
CSCM1460-5R0M
5.00
8.42
10.1
15.2
9.50
CSCM1460-6R1M
6.10
8.42
10.1
13.5
9.50
CSCM1460-8R2M
8.20
11.5
13.8
11.0
8.20
CSCM1460-100M
10.0
11.5
13.8
9.5
8.20
3 How to order:
CSCM1460-1R2M
Model
Dimensions
Value Code
Typical Land Pattern
Schematic
All data is tested on 25
℃ ambient temperature
1.Inductance measure condition at 100kHz,0.1V
2.Isat:the actual value of DC current when the inductance decrease 25% of its initial value
3.Irms:the actual value of DC current when the temperature rise is
ΔT40℃(Ta=25℃)


Similar Part No. - CSCM1460-R56M

ManufacturerPart #DatasheetDescription
logo
Shenzhen Codaca Electro...
CSCM1480H CODACA-CSCM1480H Datasheet
859Kb / 5P
High Current Power Inductor
07/14/2020
CSCM1480H-1R2M CODACA-CSCM1480H-1R2M Datasheet
859Kb / 5P
High Current Power Inductor
07/14/2020
CSCM1480H-1R8M CODACA-CSCM1480H-1R8M Datasheet
859Kb / 5P
High Current Power Inductor
07/14/2020
CSCM1480H-2R6M CODACA-CSCM1480H-2R6M Datasheet
859Kb / 5P
High Current Power Inductor
07/14/2020
CSCM1480H-3R5M CODACA-CSCM1480H-3R5M Datasheet
859Kb / 5P
High Current Power Inductor
07/14/2020
More results

Similar Description - CSCM1460-R56M

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
PSSL-0804HC CALIBER-PSSL-0804HC Datasheet
26Kb / 1P
Power Inductor - High Current
logo
Shenzhen Codaca Electro...
CSBX0650 CODACA-CSBX0650 Datasheet
718Kb / 5P
High Current Power Inductor
Revised: 07/14/2020
CSBL1250 CODACA-CSBL1250 Datasheet
947Kb / 5P
High Current Power Inductor
07/14/2020
CSBL1265 CODACA-CSBL1265 Datasheet
941Kb / 5P
High Current Power Inductor
07/14/2020
CPEX2626L CODACA-CPEX2626L Datasheet
962Kb / 6P
High Current Power Inductor
07/14/2020
CPQ4228 CODACA-CPQ4228 Datasheet
783Kb / 4P
High Current Power Inductor
07/14/2020
CPU2916 CODACA-CPU2916 Datasheet
761Kb / 4P
High Current Power Inductor
07/14/2020
CSCF2918H CODACA-CSCF2918H Datasheet
832Kb / 5P
High Current Power Inductor
07/14/2020
CPEX2722 CODACA-CPEX2722 Datasheet
764Kb / 4P
High Current Power Inductor
07/14/2020
CSCM1480L CODACA-CSCM1480L Datasheet
871Kb / 5P
High Current Power Inductor
07/14/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com