Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER115XSTR Datasheet(PDF) 17 Page - STMicroelectronics

Part # VIPER115XSTR
Description  Energy saving offline high voltage converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER115XSTR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button VIPER115XSTR Datasheet HTML 13Page - STMicroelectronics VIPER115XSTR Datasheet HTML 14Page - STMicroelectronics VIPER115XSTR Datasheet HTML 15Page - STMicroelectronics VIPER115XSTR Datasheet HTML 16Page - STMicroelectronics VIPER115XSTR Datasheet HTML 17Page - STMicroelectronics VIPER115XSTR Datasheet HTML 18Page - STMicroelectronics VIPER115XSTR Datasheet HTML 19Page - STMicroelectronics VIPER115XSTR Datasheet HTML 20Page - STMicroelectronics VIPER115XSTR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
DS11873 Rev 5
17/37
VIPer11
General description
37
5.3
Primary MOSFET
The primary switch is implemented with an avalanche-rugged N-channel MOSFET with
minimum breakdown voltage 800 V, VBVDSS, and maximum on-resistance of 20 , RDS(on).
The sense-FET is embedded and it allows a virtually lossless current sensing.
The MOSFET gate driver controls the gate current during both turn-on and turn-off in order
to minimize EMI. Under UVLO conditions the embedded pull-down circuit holds the gate low
in order to ensure that the MOSFET cannot be turned on accidentally.
5.4
High voltage startup
The embedded high voltage startup includes both the 800V-rated auxiliary N-channel power
MOSFET, whose gate is biased through the resistor RG, and the switchable HV current
source, delivering the current IHV. The major portion of IHV, (ICH), charges the capacitor
connected to VCC. A minor portion is sunk by the controller block.
At startup, as the voltage across the DRAIN pin exceeds the VHV_START threshold, the HV
current source is turned on, charging linearly the CS capacitor. At the very beginning of the
startup, when Cs is fully discharged, the charging current is low, ICH1, in order to avoid IC
damaging in case VCC is accidentally shorted to GND. As VCC exceeds 1 V, ICH is increased
to ICH2 in order to speed up the charging of CS.
As VCC reaches the start-up threshold VCCon the chip starts operating, the primary MOSFET
is enabled to switch, the HV current source is disabled and the device is powered by the
energy stored in the CS capacitor.
In steady-state the IC can be supplied from the output (in case of non-isolated topologies) or
through an auxiliary winding (in case of isolated topologies), as shown in Figure 26.
Figure 26. IC supply modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com