Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER265KDTR Datasheet(PDF) 22 Page - STMicroelectronics

Part # VIPER265KDTR
Description  1050 V high voltage converter for ultra-wide input
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER265KDTR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button VIPER265KDTR Datasheet HTML 18Page - STMicroelectronics VIPER265KDTR Datasheet HTML 19Page - STMicroelectronics VIPER265KDTR Datasheet HTML 20Page - STMicroelectronics VIPER265KDTR Datasheet HTML 21Page - STMicroelectronics VIPER265KDTR Datasheet HTML 22Page - STMicroelectronics VIPER265KDTR Datasheet HTML 23Page - STMicroelectronics VIPER265KDTR Datasheet HTML 24Page - STMicroelectronics VIPER265KDTR Datasheet HTML 25Page - STMicroelectronics VIPER265KDTR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Application information
VIPER26K
22/28
DS12978 Rev 1
5.1
Layout guidelines and design recommendations
A proper printed circuit board layout ensures the correct operation of any switch-mode
converter and this is also true for the VIPer. The main reasons to have a proper PCB layout
are:
 Provides clean signals to the IC, ensuring good immunity against external and switching
noises.
 Reduces the electromagnetic interferences, both radiated and conducted, to pass the
EMC tests more easily.
If the VIPer is used to design an SMPS, the following basic rules should be considered:
 Separate signal from power tracks. Generally, traces carrying signal currents should
run far from others carrying pulsed currents or with fast swinging voltages. Signal ground
traces should be connected to the IC signal ground, GND, using a single “star point”,
placed close to the IC. Power ground traces should be connected to the IC power ground,
GND. The compensation network should be connected to the COMP, maintaining the
trace to GND as short as possible. In the case of two-layer PCB, it is good practice to route
signal traces on one PCB side and power traces on the other side.
 Filter sensitive pins. Some crucial points of the circuit need or may need filtering. A small
high-frequency bypass capacitor to GND might be useful to get a clean bias voltage for
the signal part of the IC and protect the IC itself during EFT/ESD tests. A low ESL ceramic
capacitor (a few hundreds pF up to 0.1 μF) should be connected across VCC and GND,
placed as close as possible to the IC. With flyback topologies, when the auxiliary winding
is used, it is suggested to connect the VCC capacitor on the auxiliary return and then to
the main GND using a single track.
 Keep power loops as confined as possible. The area circumscribed by current loops
where high pulsed current flow should be minimized to reduce its parasitic self-inductance
and the radiated electromagnetic field. As a consequence, the electromagnetic
interferences produced by the power supply during the switching are highly reduced. In a
flyback converter the most critical loops are: the one including the input bulk capacitor, the
power switch, the power transformer, the one including the snubber, the one including the
secondary winding, the output rectifier and the output capacitor. In a buck converter the
most critical loop is the one including the input bulk capacitor, the power switch, the power
inductor, the output capacitor and the freewheeling diode.
 Reduce line lengths. Any wire acts as an antenna. With the very short rise times
exhibited by EFT pulses, any antenna can receive high voltage spikes. By reducing line
lengths, the level of received radiated energy is reduced, and the resulting spikes from
electrostatic discharges are lower. This also keeps both resistive and inductive effects to
a minimum. In particular, all traces carrying high currents, especially if pulsed (tracks of
the power loops) should be as short and wide as possible.
 Optimize track routing. As levels of pickup from static discharges are likely greater near
the edges of the board, it is wise to keep any sensitive lines away from these areas. Input
and output lines often need to reach the PCB edge at some stage, but they can be routed
away from the edge as soon as possible where applicable. Since vias are to be
considered inductive elements, it is recommended to minimize their number in the signal
path and avoid them in the power path.
 Improve thermal dissipation. An adequate copper area has to be provided under the
DRAIN pins as heatsink, while it is not recommended to place large copper areas on the
GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com