Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER114LSTR Datasheet(PDF) 11 Page - STMicroelectronics

Part # VIPER114LSTR
Description  Energy saving offline high voltage converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER114LSTR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VIPER114LSTR Datasheet HTML 7Page - STMicroelectronics VIPER114LSTR Datasheet HTML 8Page - STMicroelectronics VIPER114LSTR Datasheet HTML 9Page - STMicroelectronics VIPER114LSTR Datasheet HTML 10Page - STMicroelectronics VIPER114LSTR Datasheet HTML 11Page - STMicroelectronics VIPER114LSTR Datasheet HTML 12Page - STMicroelectronics VIPER114LSTR Datasheet HTML 13Page - STMicroelectronics VIPER114LSTR Datasheet HTML 14Page - STMicroelectronics VIPER114LSTR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
DS11873 Rev 5
11/37
VIPer11
Electrical characteristics
37
tON_MIN
Minimum turn-on time
VCC = 9 V
VCOMP = 1 V
VFB = VFB_REF
250
300
350
ns
tRESTART
Restart time after fault
-
0.65
1
1.35
s
Oscillator
FOSC
Switching frequency
TJ = 25 °C
VIPER11*X
27
30
33
kHz
TJ = 25 °C
VIPER11*L
54
60
66
TJ = 25 °C
VIPER11*H
108
120
132
FOSC_MIN
Minimum switching
frequency
TJ = 25 °C(2)
13.5
15
16.5
kHz
FD
Modulation depth
(3)
-
±7
FOSC
-%
FM
Modulation frequency
(3)
-
260
-
Hz
DMAX
Max. duty cycle
(3)
70
80
%
Thermal shutdown
TSD
Thermal shutdown
temperature
(3)
150
160
°C
1. See Section 5.10: Pulse frequency modulation on page 21.
2. See Section 5.7: Pulse-skipping on page 20.
3. Parameter assured by design and characterization.
Table 7. Controller section (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com