Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRO-OB-607 Datasheet(PDF) 3 Page - Abracon Corporation

Part # PRO-OB-607
Description  OnBoard 2.4 GHz Mini SMD - EVB
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

PRO-OB-607 Datasheet(HTML) 3 Page - Abracon Corporation

  PRO-OB-607 Datasheet HTML 1Page - Abracon Corporation PRO-OB-607 Datasheet HTML 2Page - Abracon Corporation PRO-OB-607 Datasheet HTML 3Page - Abracon Corporation PRO-OB-607 Datasheet HTML 4Page - Abracon Corporation PRO-OB-607 Datasheet HTML 5Page - Abracon Corporation PRO-OB-607 Datasheet HTML 6Page - Abracon Corporation PRO-OB-607 Datasheet HTML 7Page - Abracon Corporation PRO-OB-607 Datasheet HTML 8Page - Abracon Corporation PRO-OB-607 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED:
For terms and conditions of sales, please visit:
www.abracon.com
OnBoard 2.4 GHz Mini SMD - EVB
PRO-EB-609
48.0 x 18.0 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
Antenna Dimensions
Unit : mm
Antenna pins and keep-out block
Unit : mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com