Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRO-OB-607 Datasheet(PDF) 10 Page - Abracon Corporation

Part # PRO-OB-607
Description  OnBoard 2.4 GHz Mini SMD - Antenna
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

PRO-OB-607 Datasheet(HTML) 10 Page - Abracon Corporation

Back Button PRO-OB-607 Datasheet HTML 4Page - Abracon Corporation PRO-OB-607 Datasheet HTML 5Page - Abracon Corporation PRO-OB-607 Datasheet HTML 6Page - Abracon Corporation PRO-OB-607 Datasheet HTML 7Page - Abracon Corporation PRO-OB-607 Datasheet HTML 8Page - Abracon Corporation PRO-OB-607 Datasheet HTML 9Page - Abracon Corporation PRO-OB-607 Datasheet HTML 10Page - Abracon Corporation PRO-OB-607 Datasheet HTML 11Page - Abracon Corporation PRO-OB-607 Datasheet HTML 12Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED:
For terms and conditions of sales, please visit:
www.abracon.com
OnBoard 2.4 GHz Mini SMD - Antenna
PRO-OB-607
9.90 x 4.30 x 2.00 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
General Implementation Guidelines
The antenna can be positioned in different ways, although there are some positions which are more beneficial. Below
picture shows a typical PCB with examples on different antenna positions. The optimal position is option 1 or 4.
= GND pin(s)
The antenna should be aligned with the PCB edge if possible, preferably with the GND pin(s) close to a corner.
The antenna enables that small electrical components are mounted inside the antenna keep-out block. This is a space-
efficient solution which has very little influence on the performance. It may have an impact on the antenna tuning, but
is fully possible if there is limited space on the PCB.
Another general aspect on surface mounted antennas is regarding the PCB population. If other electrical components
are positioned in the surrounding area of the antenna, some impact on the antenna tuning and radiated performance
may be expected. It is recommended that such components are distributed below a topographical slope that starts on
PCB level at the antenna keep-out block, and slowly increases the height.
It shall also be highlighted that plastic and metal parts in the near proximity of antennas may influence the antenna
tuning and/or performance. This aspect should be noted as a general guideline for all antennas. The effects are difficult
to estimate without detailed information, but it is common that a plastic housing above the antenna shifts the resonant
frequency down. It is recommended to measure the antenna in the actual device after implementation.
Optimal
1 & 4
3
6
2 & 5
1
2
3
4
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com