Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMCP9801A0-M/SNG Datasheet(PDF) 9 Page - Microchip Technology

Part # AMCP9801A0-M/SNG
Description  2-Wire High-Accuracy Temperature Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AMCP9801A0-M/SNG Datasheet(HTML) 9 Page - Microchip Technology

Back Button AMCP9801A0-M/SNG Datasheet HTML 5Page - Microchip Technology AMCP9801A0-M/SNG Datasheet HTML 6Page - Microchip Technology AMCP9801A0-M/SNG Datasheet HTML 7Page - Microchip Technology AMCP9801A0-M/SNG Datasheet HTML 8Page - Microchip Technology AMCP9801A0-M/SNG Datasheet HTML 9Page - Microchip Technology AMCP9801A0-M/SNG Datasheet HTML 10Page - Microchip Technology AMCP9801A0-M/SNG Datasheet HTML 11Page - Microchip Technology AMCP9801A0-M/SNG Datasheet HTML 12Page - Microchip Technology AMCP9801A0-M/SNG Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
 2010 Microchip Technology Inc.
DS21909C-page 9
MCP9800/1/2/3
3.0
PIN DESCRIPTION
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Serial Data Pin (SDA)
The SDA is a bidirectional input/output pin, used to
serially transmit data to and from the host controller.
This pin requires a pull-up resistor to output data.
3.2
Serial Clock Pin (SCLK)
The SCLK is a clock input pin. All communication and
timing is relative to the signal on this pin. The clock is
generated by the host controller on the bus.
3.3
Power Supply Input (VDD)
The VDD pin is the power pin. The operating voltage, as
specified in the DC electrical specification table, is
applied on this pin.
3.4
Ground (GND)
The GND pin is the system ground pin.
3.5
ALERT Output
The MCP9800/1/2/3’s ALERT pin is an open-drain
output pin. The device outputs an alert signal when the
ambient
temperature
goes
beyond
the
user-programmed temperature limit.
3.6
Address Pins (A2, A1, A0)
These pins are device or slave address input pins and
are available only with the MCP9801/03. The device
addresses for the MCP9800/02 are factory-set.
The address pins are the Least Significant bits (LSb) of
the device address bits. The Most Significant bits
(MSb) (A6, A5, A4, A3) are factory-set to <1001>. This
is illustrated in Table 3-2.
MCP9800
MCP9802
SOT-23-5
MCP9801
MCP9803
MSOP, SOIC
Symbol
Function
5
1
SDA
Bidirectional Serial Data
4
2
SCLK
Serial Clock Input
3
3
ALERT
Temperature Alert Output
2
4
GND
Ground
—
5
A2
Address Select Pin (bit 2)
—
6
A1
Address Select Pin (bit 1)
—
7
A0
Address Select Pin (bit 0)
18
VDD
Power Supply Input
TABLE 3-2:
SLAVE ADDRESS
Device
A6
A5
A4
A3
A2
A1
A0
MCP9800/02A0
10010
00
MCP9800/02A5
10011
01
MCP9801/03
1001X
XX
Note:
User-selectable address is shown by X.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com