Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLN Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PLN
Description  Planar Transformers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PLN Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PLN Datasheet HTML 1Page - Bourns Electronic Solutions PLN Datasheet HTML 2Page - Bourns Electronic Solutions PLN Datasheet HTML 3Page - Bourns Electronic Solutions PLN Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PLN Series – Planar Transformers
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Electrical Schematic
1
2
3
4
7
8
9
10
11
12
5
6
33 V - 57 V
250 kHz
12 V / 4 A
START
14 V / 50 mA
1
2
3
4
7
8
9
10
11
12
5
6
33 V - 57 V
250 kHz
5 V / 10 A
START
12.5 V / 50 mA
1
2
3
4
7
8
9
10
11
12
5
6
33 V - 57 V
250 kHz
5 V / 14 A
START
12 V / 50 mA
PLN048-ED21A12S
PLN050-ED21A05S
PLN070-ED21A05S
Primary windings and secondary windings to be connected in parallel on PC board�
Soldering Profile
The duration from room temperature (25 °C) to peak temperature is 8 minutes maximum.
217 °C
300
250
200
150
100
50
0
Ramp Up
3 °C/s. max.
Lead-free Solder
3 °C/s. max.
6 °C/s. max.
150 ~ 200 °C
60 s. ~ 120 s.
60 s. ~ 150 s.
250 +0/-5 °C
10 s. max.
tp < 30 s.
Time (Seconds)
PRE-HEAT
REFLOW
COOL DOWN
How To Order
PLN 048 - ED21 A 12 S
Model
PLN =
Planar Transformer
Power Rating
048 = 48 W
Core and Size
ED21 = EED 20.9
Sub-series
A = A Series
Output Voltage
12 = 12 V
PCB type
S = SMD
Materials
Bobbin ������������������PM-9630 (JT BLACK)
PCB ��������������������������������������������S1150G
Tape���������������������������������������MXPI-310#
Core���������������������������������������������JPP-95
Glue��������������������������������������������� S-9001
Solder �����������������������������������������������M20
Terminal���������������������������������������� C5191



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com