Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSOP63.. Datasheet(PDF) 7 Page - Vishay Siliconix

Part # TSOP63..
Description  IR Receiver Modules for Remote Control Systems
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP63.. Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button TSOP63.. Datasheet HTML 3Page - Vishay Siliconix TSOP63.. Datasheet HTML 4Page - Vishay Siliconix TSOP63.. Datasheet HTML 5Page - Vishay Siliconix TSOP63.. Datasheet HTML 6Page - Vishay Siliconix TSOP63.. Datasheet HTML 7Page - Vishay Siliconix TSOP63.. Datasheet HTML 8Page - Vishay Siliconix TSOP63.. Datasheet HTML 9Page - Vishay Siliconix TSOP63.. Datasheet HTML 10Page - Vishay Siliconix TSOP63.. Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TSOP61.., TSOP63.., TSOP65..
www.vishay.com
Vishay Semiconductors
Datasheet Values Refer to PCN-OPT-1224-2022
Rev. 1.8, 16-Aug-2022
7
Document Number: 82457
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE DIMENSIONS in millimeters
ASSEMBLY INSTRUCTIONS
Reflow Soldering
• Reflow soldering must be done within 72 h while stored
under a max. temperature of 30 °C, 60 % RH after opening
the dry pack envelope
• Set the furnace temperatures for pre-heating and heating
in accordance with the reflow temperature profile as
shown in the diagram. Exercise extreme care to keep the
maximum temperature below 260 °C. The temperature
shown in the profile means the temperature at the device
surface. Since there is a temperature difference between
the component and the circuit board, it should be verified
that the temperature of the device is accurately being
measured
• Handling after reflow should be done only after the work
surface has been cooled off
Manual Soldering
• Use a soldering iron of 25 W or less. Adjust the
temperature of the soldering iron below 300 °C
• Finish soldering within 3 s
• Handle products only after the temperature has cooled off
R 1.7
5.51
0.5 ± 0.15
3 x 1.27 =
3.81
2.6
7.5
7.2
4x
1.27
2.9
4
Pick and place area. TR taping
3 x 1.27 = 3.81
1.27
0.9
specifications
according to DIN
technical drawings
Not indicated tolerances ± 0.3
Pick and place area. TT taping
Footprint
(1.4)
Issue: 8; 02.09.09
16776
Drawing-No.: 6.544-5341.01-4
A
A
0.1
0.1
0.3
0.4
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com