Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS Datasheet(PDF) 1 Page - C&K Components

Part # JS
Description  Sub-Miniature Slide Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

JS Datasheet(HTML) 1 Page - C&K Components

  JS Datasheet HTML 1Page - C&K Components JS Datasheet HTML 2Page - C&K Components JS Datasheet HTML 3Page - C&K Components JS Datasheet HTML 4Page - C&K Components JS Datasheet HTML 5Page - C&K Components JS Datasheet HTML 6Page - C&K Components JS Datasheet HTML 7Page - C&K Components JS Datasheet HTML 8Page - C&K Components JS Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Sequence Number
11 Standard
00 Available for JS102000SAQN only
I
I–50
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
22 Sep 22
JS Series
Sub-Miniature Slide Switches
Features/Benefits
• Positive detent
• Low profile
• IR reflow to 260º solder profile
• Surface and thru hole mounting
• SPDT, DPDT, DP3T models
• RoHS compliant
Typical Applications
• Telecommunication products
• Computer peripherals
• Thermostat select switch
• Instrumentation
• Medical
Specifications
CONTACT RATING: 0.3A@6VDC or 0.1A@30VDC
ELECTRICAL LIFE: 5,000 make-and-break cycles
CONTACT RESISTANCE: 70 m Ω max.
INSULATION RESISTANCE: 100 M Ω min. @ 500V
DIELECTRIC STRENGTH: 500 VAC min. @ sea level
OPERATING TEMPERATURE: -40ºC to +85ºC
STORAGE TEMPERATURE: -40ºC to +85ºC
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Materials
HOUSING: 4/6 nylon, black
ACTUATOR: 4/6 nylon, black (some options white)
CONTACTS: Copper alloy, silver or gold plated
TERMINALS: Brass, silver or gold plated
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
S
J
N
Switch Function
1020 SPDT
2020 DPDT
2030 DP3T
2070 DP3T, Mom.
(Termination C, SC & JC only)
Termination
A Right Angle, PC Thru-hole
C Vertical, PC Thru-hole
SA Right Angle, Gullwing (JS10 model only)
SC Vertical, Gullwing
JA Right Angle, J Bend
JC Vertical, J Bend
Contact Material
Q Silver
B Gold
NONE Non-Momentary
R Momentary on the right
L Momentary on the left
Non Shorting
N Non-shorting


Similar Description - JS

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
500A E-SWITCH-500A Datasheet
156Kb / 2P
SUB-MINIATURE SLIDE SWITCHES
logo
GREATECS
SB6 GREATECS-SB6 Datasheet
2Mb / 2P
Sub-Miniature Slide Switches
logo
C&K Components
JS202011AQN CK-COMPONENTS-JS202011AQN Datasheet
302Kb / 6P
Sub-Miniature Slide Switches
JSM CK-COMPONENTS-JSM Datasheet
295Kb / 5P
Sub-Miniature Slide Switches
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
Miniature Slide Switches
logo
E-SWITCH
500A E-SWITCH-500A_1 Datasheet
210Kb / 2P
SLIDE SWITCHES - SUB-MINIATURE
logo
Grayhill, Inc
48BFSP1M6RT GRAYHILL-48BFSP1M6RT Datasheet
91Kb / 1P
Sub-Miniature Slide Switches
logo
Copal Electronics
MCS COPAL-MCS Datasheet
666Kb / 9P
Sub-miniature Slide Switches
logo
C&K Components
JSM CK-COMPONENTS-JSM_V01 Datasheet
277Kb / 2P
Sub-Miniature Slide Switches
20 Jul 21
JS-SERIES CK-COMPONENTS-JS-SERIES Datasheet
2Mb / 15P
Sub-Miniature Slide Switches
22 Sep 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com