Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSX Datasheet(PDF) 1 Page - C&K Components

Part # JSX
Description  Sub-Miniature Slide Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

JSX Datasheet(HTML) 1 Page - C&K Components

  JSX_V01 Datasheet HTML 1Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
I–68
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
I
JSX Series
Sub-Miniature Slide Switch
Features/Benefits
• RoHS compliant and meets all
requirements of RoHS directive
2002/95EC
• Low profile
• SPDT momentary action
• Long electrical and mechanical life
Typical Applications
• On/Off touch screens
• Handheld games
• Remote controls
• Instrumentation
Specifications
CONTACT RATING: 10 mA @ 5VDC (resistive).
ELECTRICAL LIFE: 100,000 cycles.
CONTACT RESISTANCE:
70 m Ω max. initial.
200 m Ω max. after life testing.
INSULATION RESISTANCE: 100 M Ω min. @ 100VDC.
DIELECTRIC STRENGTH: 100 VAC for 1 min. @ 50/60 Hz/2mA.
OPERATING TEMPERATURE: -25ºC to +70ºC
STORAGE TEMPERATURE: -40ºC to +85ºC
-25˚C to +55˚C (in tape & reel packaging)
Materials
HOUSING: LCP, Glass filled.
ACTUATOR: 4/6 nylon (UL94V-2), black.
CONTACTS: Berylium copper, silver plated.
TERMINALS: Phosphur bronze or StSt, silver plated.
COVER: Nickel silver or Stainless steel, silver plated.
RETURN SPRING: Stainless steel.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
BB
A
A
TYP
1.5+0.1
0
TYP
8 ±0.1
0.4
9
TYP
2±0.1
TYP
4±0.1
LEADER 350 MIN
EMPTY CARRIER TAPE
MIN 100 MM TAPE ONLY
SEALED WITH TOP COVER TAPE
13
TAPE
3.57
TYP
5°
2.35
0.4
1.6
9
16
1.3
5.5
1.75 ± 0.1
FEED DIRECTION
4
4
4
4
4
A-A
SECTION
1 MM MAX UP
1 MM MAX DOWN
1.2
7.6
0.5
0.5
1.65
2.6
1.7
1.7
1.6
FREE POSITION
0.9
2X 0.5
0.1
1.5
OPERATING POSITION
1.3 ±0.15
1.75 OPERATING FORCE
MEASUREMENT POSITION
OVERTRAVEL
2± 0.1
0.8
2X 0.4
2X 0.8
1.2
1
1.1
2X 0.9
2X 1.2
7.1
1.7
1.7
3X 0.5
2X 10°
0°
1
C
SCHEMATIC
SPDT
2
PCB LAYOUT
C
2
1
JSX08001SAQNL
SPDT Surface Mount
Momentary only


Similar Part No. - JSX_V01

ManufacturerPart #DatasheetDescription
logo
Kycon, Inc.
JSX-1000 KYCON-JSX-1000 Datasheet
948Kb / 1P
D-SUBMINIATURE Hardware
JSX-1055 KYCON-JSX-1055 Datasheet
948Kb / 1P
D-SUBMINIATURE Hardware
JSX-1055-5.9 KYCON-JSX-1055-5.9 Datasheet
948Kb / 1P
D-SUBMINIATURE Hardware
JSX-M3131 KYCON-JSX-M3131 Datasheet
948Kb / 1P
D-SUBMINIATURE Hardware
JSX-M3131M KYCON-JSX-M3131M Datasheet
948Kb / 1P
D-SUBMINIATURE Hardware
More results

Similar Description - JSX_V01

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
500A E-SWITCH-500A Datasheet
156Kb / 2P
SUB-MINIATURE SLIDE SWITCHES
logo
GREATECS
SB6 GREATECS-SB6 Datasheet
2Mb / 2P
Sub-Miniature Slide Switches
logo
C&K Components
JS202011AQN CK-COMPONENTS-JS202011AQN Datasheet
302Kb / 6P
Sub-Miniature Slide Switches
JSM CK-COMPONENTS-JSM Datasheet
295Kb / 5P
Sub-Miniature Slide Switches
JSX CK-COMPONENTS-JSX Datasheet
296Kb / 1P
Sub-Miniature Slide Switch
logo
E-SWITCH
500A E-SWITCH-500A_1 Datasheet
210Kb / 2P
SLIDE SWITCHES - SUB-MINIATURE
logo
Grayhill, Inc
48BFSP1M6RT GRAYHILL-48BFSP1M6RT Datasheet
91Kb / 1P
Sub-Miniature Slide Switches
logo
Copal Electronics
MCS COPAL-MCS Datasheet
666Kb / 9P
Sub-miniature Slide Switches
logo
C&K Components
JS CK-COMPONENTS-JS Datasheet
1Mb / 15P
Sub-Miniature Slide Switches
22 Sep 22
JSM CK-COMPONENTS-JSM_V01 Datasheet
277Kb / 2P
Sub-Miniature Slide Switches
20 Jul 21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com