Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSCD Datasheet(PDF) 2 Page - C&K Components

Part # KSCD
Description  Sealed Detect Switch for SMT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSCD Datasheet(HTML) 2 Page - C&K Components

  KSCD Datasheet HTML 1Page - C&K Components KSCD Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
E
E–41
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
330
m
m
6
1
KSC D Series
Sealed Detect Switch for SMT
8 Apr 22
+0,3
6,2 0
ø 2,7
8,6 mini
3 maxi
PAD LAYOUT
KSC4D1J SOFT, 5,2 mm high
KSC4D1G SOFT, 5,2 mm high
10 0,3
6,2
( 0,5 )
2,7 0,1
12 min
5,8 max
0,1
7,6
5
(15 )
TAPE AND REEL KSC2G & KSC4



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com